Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC177 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC177
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC177 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC177 Datasheet HTML 1Page - Continental Device India Limited BC177 Datasheet HTML 2Page - Continental Device India Limited BC177 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC177, A, B, C
BC178, A, B, C
BC179, A, B, C
TO-18
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BC177
BC178
BC179
UNIT
Collector -Emitter Voltage
VCEO
45
25
20
V
Collector -Emitter Voltage
VCES
50
30
25
V
Collector -Base Voltage
VCBO
50
30
25
V
Emitter -Base Voltage
VEBO
5.0
5.0
5.0
V
Collector Current Continuous
IC
0.2
A
Power Dissipation@ Ta=25 degC
PD
0.6
W
Derate Above 25 deg C
2.28
mW/deg C
Power Dissipation@ Tc=25 degC
PD
1.0
W
Derate Above 25 deg C
6.67
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
175
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP MAX
UNIT
Collector-Cut off Current
ICES
VCE=20V, IE=0
-
100
nA
Tamb=125 deg C
VCE=20V, IE=0
-
4.0
uA
Collector -Base Voltage
VCBO
IC=10uA, IE=0
BC177
50
-
V
BC178
30
-
V
BC179
25
-
V
Collector -Emitter Voltage
VCEO
IC=2mA,IB=0
BC177
45
-
V
BC178
25
-
V
BC179
20
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
5.0
-
V
DC Current
hFE
IC=2mA, VCE=5V
BC177
120
460
BC178
120
800
BC179
180
800
A Group
120
220
B Group
180
460
C Group
380
800
Collector Emitter Saturation Voltage
VCE(Sat) IC=10mA,IB=0.5mA
-
0.20
V
IC=100mA,IB=5mA
-
0.60
V
Base Emitter Saturation Voltage
VBE(Sat) IC=10mA,IB=0.5mA
-
0.80
V
IC=100mA,IB=5mA
-
0.90
-
V
Base Emitter on Voltage
VBE(on)
IC=2mA, VCE=5V
0.60
0.75
V
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC177

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC177 PHILIPS-BC177 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jun 04
logo
STMicroelectronics
BC177 STMICROELECTRONICS-BC177 Datasheet
77Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
logo
Siemens Semiconductor G...
BC177 SIEMENS-BC177 Datasheet
269Kb / 8P
PNP SILICON TRANSISTORS
logo
Micro Electronics
BC177 MICRO-ELECTRONICS-BC177 Datasheet
225Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Seme LAB
BC177 SEME-LAB-BC177 Datasheet
25Kb / 2P
GENERAL PURPOSE
More results

Similar Description - BC177

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com