Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC168C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC168C
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC168C Datasheet(HTML) 1 Page - Continental Device India Limited

  BC168C Datasheet HTML 1Page - Continental Device India Limited BC168C Datasheet HTML 2Page - Continental Device India Limited BC168C Datasheet HTML 3Page - Continental Device India Limited BC168C Datasheet HTML 4Page - Continental Device India Limited BC168C Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC167A, BC167B
BC168A, BC168B, BC168C
BC169B, BC169C
TO-92
Plastic Package
AF Pre and Driver Stages as well as for Universal Application.
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BC167
BC168
BC169
UNITS
Collector -Emitter Voltage
VCEO
45
20
20
V
Collector -Emitter Voltage
VCES
50
30
30
V
Emitter -Base Voltage
VEBO
6.0
5
5
V
Collector Current Continuous
IC
100
100
50
mA
Collector Peak Current
ICM
200
200
mA
Base Current
IB
50
50
5
mA
Power Dissipation @ Ta=25ºC
Ptot
300
mW
Storage Junction
Tstg
-55 to +150
ºC
Junction Temperature
Tj
150
ºC
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
420
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector -Emitter Voltage
BC167
BVCEO
IC=2mA,IB=0
45
V
BC168, 169
20
V
Emitter-Base Voltage
BC167
BVEBO
IE=1µA, IC=0
6V
BC168, 169
5V
Collector-Cut off Current
BC167
ICES
VCE=50V,VBE=0
15
nA
BC168, 169
VCE=30V,VBE=0
15
nA
Ta =125ºC
BC167
VCE=50V,VBE=0
4
µA
BC168, 169
VCE=30V,VBE=0
4
µA
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC168C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC168 MICRO-ELECTRONICS-BC168 Datasheet
228Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
List of Unclassifed Man...
BC168 ETC-BC168 Datasheet
75Kb / 1P
Low Level and General Purpose Amplifiers
More results

Similar Description - BC168C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com