Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC108A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC108A
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC108A Datasheet(HTML) 2 Page - Continental Device India Limited

  BC108A Datasheet HTML 1Page - Continental Device India Limited BC108A Datasheet HTML 2Page - Continental Device India Limited BC108A Datasheet HTML 3Page - Continental Device India Limited BC108A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
BC107/A/B/C
BC108/A/B/C
BC109/A/B/C
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=0.5mA
0.25
V
IC=100mA, IB=5mA
0.60
V
Base Emitter Saturation Voltage
VBE (sat)
IC=10mA, IB=0.5mA
0.83
V
IC=100mA, IB=5mA
1.05
V
Base Emitter On Voltage
VBE (on)
IC=2mA, VCE=5V
0.55
0.70
V
IC=10mA, VCE=5V
0.77
V
Collector Knee Voltage
VCE (K)
IC=10mA, IB=the value for which
IC=11mA at VCE=1V
0.60
V
Transition frequency
fT
IC=10mA, VCE=5V, f=100MHz
150
MHz
Output Capacitance
Cobo
VCB=10V, IE=0, f=1MHz
4.5
pF
IC=0.2mA, VCE=5V, Rg=2KΩ,
f=30Hz to 15KHz
BC109
f=1KHz,
∆F=200Hz, BC109
4.0
4.0
dB
dB
BC107/108
10
dB
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Small Signal Current Gain
hfe
IC=2mA, VCE=5V, f=1KHz
BC107
125
500
BC108
125
900
BC109
240
900
A Group
125
260
B Group
240
500
C Group
450
900
Input Impedance
hie
IC=2mA, VCE=5V, f=1KHz
A Group
1.6
4.5
K
Ω
B Group
3.2
8.5
K
Ω
C Group
6.0
15
K
Ω
Output Admittance
hoe
IC=2mA, VCE=5V, f=1KHz
A Group
30
µmhos
B Group
60
µmhos
C Group
110
µmhos
BC107_109Rev_3 231202E
Noise Figure
NF
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com