Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT86 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAT86
Description  SILICON PLANAR SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT86 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAT86 Datasheet HTML 1Page - Continental Device India Limited BAT86 Datasheet HTML 2Page - Continental Device India Limited BAT86 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR SCHOTTKY BARRIER DIODE
BAT86
DO-34
Glass Package
Hermetically Sealed, Glass Silicon Diode
Ultra High Speed Switching Diode
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Reverse Voltage (Continuous)
VR
V
Forward Current (DC)
IF
mA
Average Forward Current
*IF (Av)
mA
Repetitive Peak Forward Current tp <1s;
δδ <0.5
IFRM
mA
Non Repetitive Peak Forward Current tp <10ms
IFSM
A
Storage Temperature
Tstg
ºC
Junction Temperature
Tj
ºC
Operating Ambient Temperature
Tamb
ºC
PCB mounting, lead length = 4mm; VRWM=25V, a=1.57; δδ=0.5; Tamb=50ºC
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Forward Voltage
VF
IF=0.1mA
0.30
V
IF=1mA
0.38
V
IF=10mA
0.45
V
IF=30mA
0.60
V
IF=100mA
0.90
V
Reverse Current
**IR
VR=40V
5.0
µA
Reverse Recovery Time
tRR
When Switched from
IF=10mA to IR=10mA,
RL=100Ω, measured at
IR=1mA
4.0
ns
Diode Capacitance
Cd
VR=1V, f=1MHz
8.0
pF
*Pulsed test; pulse width = 300
µµs, duty cycle =2%
BAT86Rev100506E
- 65 to +125
320
VALUE
50
200
200
500
5
- 65 to +150
125
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAT86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT86 PHILIPS-BAT86 Datasheet
31Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT86 GE-BAT86 Datasheet
44Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT86 BILIN-BAT86 Datasheet
33Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT86 GOOD-ARK-BAT86 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT86

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RB751V-40 SEMTECH_ELEC-RB751V-40 Datasheet
125Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Diode
RB521S-30 SEMTECH_ELEC-RB521S-30 Datasheet
187Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB491D SEMTECH_ELEC-SB491D Datasheet
145Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
RB161L-40 SEMTECH_ELEC-RB161L-40 Datasheet
165Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
BAT86 RECTRON-BAT86 Datasheet
28Kb / 1P
SILICON PLANAR SCHOTTKY BARRIER DIODE
logo
Continental Device Indi...
BAS85 CDIL-BAS85 Datasheet
100Kb / 3P
SILICON PLANAR SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
BAT54XV2 SKTECHNOLGY-BAT54XV2 Datasheet
389Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com