Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMR431GLFS Datasheet(PDF) 2 Page - C&K Components

Part # KMR431GLFS
Description  Microminiature SMT Top Actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR431GLFS Datasheet(HTML) 2 Page - C&K Components

  KMR431GLFS Datasheet HTML 1Page - C&K Components KMR431GLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–12
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
2,11
5
1,7
3,2
4,6
4,2
B
B
A
A
ø
GROUND TERMINAL
2,75 ± 0,1
0,292 ± 0,02
3,03 ± 0,1
4 ± 0,1
2 ± 0,05
1,5 ± 0,1
60 max
SECTION A-A
DE-REELING DIRECTION
OUT OF THE TAPE
60 max
KMR 4 Series
Microminiature Tact Switch for SMT
TAPE & REEL
KMR 4 Series - 2.5 mm height
PCB layout shown with ground pin option



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com