Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT512 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT512
Description  CCM and Quasi-Resonant Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT512 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT512_14 Datasheet HTML 4Page - Active-Semi, Inc ACT512_14 Datasheet HTML 5Page - Active-Semi, Inc ACT512_14 Datasheet HTML 6Page - Active-Semi, Inc ACT512_14 Datasheet HTML 7Page - Active-Semi, Inc ACT512_14 Datasheet HTML 8Page - Active-Semi, Inc ACT512_14 Datasheet HTML 9Page - Active-Semi, Inc ACT512_14 Datasheet HTML 10Page - Active-Semi, Inc ACT512_14 Datasheet HTML 11Page - Active-Semi, Inc ACT512_14 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ACT512
Rev 4, 13-Feb-14
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActiveQR
TM is a trademark of Active-Semi.
TYPICAL APPLICATION
Design Example
The design example below gives the procedure for
12V/2A flyback converter using ACT512. Refer to
application circuit Figure 4, the design for an
adapter application starts with the following
specification:
The operation for the circuit shown in Figure 4 is as
follows: the rectifier bridge D1−D4 and the capacitor
C1/C2 convert the AC line voltage to DC bus
voltage. This voltage supplies the primary winding
of the transformer T1 and the startup circuit of R7/
R8 and C4 to VDD pin of ACT512. The primary
power current path is formed by the transformer’s
primary winding, Q1, and the current sense resistor
R9. The resistors R3, R2, diode D5 and capacitor
C3 create a snubber clamping network that protects
Q1 from damage due to high voltage spike during
Q1’s turn off. The network consisting of capacitor
C4, diode D6 and resistor R4 provides a VDD
supply voltage for ACT512 from the auxiliary
winding of the transformer. The resistor R4 is
optional, which filters out spikes and noise to makes
VDD more stable. C4 is the decoupling capacitor of
the supply voltage and energy storage component
for startup. During power startup, the current
charges C4 through startup resistor R7/R8 from the
rectified bus
voltage. The diode D8 and the
capacitor C5/L2/C6 rectify filter the output voltage.
The resistor divider consists of R15 and R16
programs the output voltage.
Since a bridge
rectifier and bulk input capacitors are used, the
resulting minimum and maximum DC input voltages
can be calculated:
Where ŋ is the estimated circuit efficiency, fL is the
line frequency, tC is the estimated rectifier
conduction time, CIN is empirically selected to be
47µF electrolytic capacitors.
The maximum duty cycle is set to be 45% at low
line voltage 90VAC and the circuit efficiency is
estimated to be 86%. Then in CCM the primary to
secondary turn ratio NP/NS:
EF25 core is selected for the transformer. The core
minimum Ae is 0.51cm^2. The minimum turn of the
primary winding is:
VDD voltage is set to 13V, base on the data we can
get primary, secondly and auxiliary turns:
We set DCM/CCM boundary is 185Vac,then the
duty at full load is:
The peak current of primary is:
The primary inductance is:
V
90
F
47
86
.
0
)
ms
5
.
3
47
2
1
(
24
2
90
2
C
)
t
f
2
1
(
P
2
V
2
V
2
IN
C
L
OUT
2
MIN
_
INAC
MIN
_
INDC
≈
-
-
-
μ
η
×
×
×
×
×
=
×
=
(2)
V
375
)
V
265
(
2
V
2
V
AC
AC
)
MAX
(
IN
DC
)
MAX
(
IN
=
×
=
×
=
(3)
136
.
6
12
)
45
.
0
1
(
90
45
.
0
V
)
D
1
(
V
D
N
N
o
max
_
CCM
min
_
IN
max
_
CCM
s
p
=
×
−
×
=
×
−
×
=
(4)
T
42
51
.
0
2500
75000
10
45
.
0
90
)
cm
gaus
(
Ae
B
f
10
D
V
N
8
2
min
max
max
8
max
_
CCM
min
_
in
p
=
×
×
×
×
=
×
×
×
×
×
≥
Δ
(5)
22
.
0
56
12
9
414
.
1
185
56
12
N
V
N
V
N
V
D
p
o
s
INDC
p
o
CCM
=
×
+
×
×
×
=
×
+
×
×
=
(8)
(9)
A
97
.
0
86
.
0
22
.
0
414
.
1
185
2
12
2
D
V
I
V
2
I
DCM
in
o
o
ppk
=
×
×
×
×
×
=
×
×
×
×
=
η
(10)
Input Voltage Range
90VAC - 265VAC, 50/60Hz
Output Power, PO
24W
Output Voltage, VOUTCV
12V
Full Load Current, IOUTFL
2A
OCP Current, IOUTMAX
2.3-2.6A
System Efficiency CV,
η
0.86
(7)
T
10
N
,
T
9
N
,
T
56
N
a
s
p
=
=
=
(6)
mH
8
.
0
75000
97
.
0
22
.
0
414
.
1
185
f
I
D
V
L
sw
ppk
uty
indc
m
=
×
×
×
=
×
×
=
1
.
1
45
.
0
12
7
.
0
13
V
V
V
V
N
N
sec
_
d
o
aux
_
d
dd
s
A
=
+
+
=
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com