Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2102 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2102
Description  Wide 4.5V to 18V Operating Input Range
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2102 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2102_14 Datasheet HTML 1Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 2Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 3Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 4Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 5Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 6Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 7Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 8Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
• 2A Output Current
• Wide 4.5V to 18V Operating Input Range
• Synchronous Buck Topology
• Integrated 130mΩ Power MOSFET Switches
• Output Adjustable from 0.923V to 12V
• Up to 96% Efficiency
• Stable with Low ESR Ceramic Output
Capacitors
• Internal Soft Start
• 1.5mA Low Standby Input Current
• High Light Load Efficiency
• Cycle-by-Cycle Over Current Limit
• Input Under Voltage Lockout
• Hiccup Protection at Short Circuit and Over
Current
• Frequency Fold Back Protection
• Low Power Dissipation at Over Current and
Short Circuit
APPLICATIONS
• LCD-TV
• Set-top Box
• Distributed Power Systems
• Networking Systems
GENERAL DESCRIPTION
ACT2102 is a monolithic synchronous buck
regulator. The device integrates two 130mΩ
MOSFETs, and provides 2A of continuous load
current over a wide input voltage of 4.5V to 18V.
Current mode control provides fast transient
response and cycle-by-cycle current limit. Hiccup at
short circuit reduces IC temperatures.
An internal soft-start prevents inrush current at turn-
on, and in shutdown mode the supply current drops
to 10μA. Pulse-skipping mode at light load reduces
standby power down to 1.5mA.
This device, available in an 8-pin SOP package,
provides a very compact solution with minimal
external components.
ACT2102
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
®
Efficiency vs. Load Current
Load Current (mA)
10
100
1000
10000
80
75
70
65
60
55
85
90
95
100
VOUT = 5V
VIN = 7V
VIN = 12V
VIN = 18V


Similar Part No. - ACT2102_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102SH-T ACTIVE-SEMI-ACT2102SH-T Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
More results

Similar Description - ACT2102_14

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
Wide input voltage range 4.5V to 40V
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Rohm
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
4.5V to 18V Input, 6.0A Integrated MOSFET
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
Wide 4.5V to 36V Input Range
Rev 0; 3/19
logo
Shenzhen Huazhimei Semi...
HM8114H HMSEMI-HM8114H Datasheet
749Kb / 8P
Wide 4.5V to 30V Operating input Range
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
Wide 4.5V to 40V Input Voltage Range
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
Wide 4.5V to 40V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com