Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2102SH-T Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT2102SH-T
Description  Wide 4.5V to 18V Operating Input Range
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2102SH-T Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT2102SH-T Datasheet HTML 1Page - Active-Semi, Inc ACT2102SH-T Datasheet HTML 2Page - Active-Semi, Inc ACT2102SH-T Datasheet HTML 3Page - Active-Semi, Inc ACT2102SH-T Datasheet HTML 4Page - Active-Semi, Inc ACT2102SH-T Datasheet HTML 5Page - Active-Semi, Inc ACT2102SH-T Datasheet HTML 6Page - Active-Semi, Inc ACT2102SH-T Datasheet HTML 7Page - Active-Semi, Inc ACT2102SH-T Datasheet HTML 8Page - Active-Semi, Inc ACT2102SH-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ACT2102
Rev 2, 23-May-12
®
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Shutdown Supply Current
VEN = 0V
10
20
µA
Supply Current (No Switching)
VEN = 3V, VFB = 1.2V
0.75
1.1
mA
Feedback Voltage
VFB
4.75V ≤ VIN ≤ 18V
0.909
0.923
0.937
V
Error Amplifier Voltage Gain
AEA
400
V/V
Error Amplifier Transconductance
GEA
ΔIC = ±10μA
800
µA/V
High-Side Switch On Resistance
RDS(ON)1
130
mΩ
Low-Side Switch On Resistance
RDS(ON)2
130
mΩ
Upper Switch Current Limit
50% Duty Cycle
3.5
A
COMP to Current Sense
GCS
3.5
A/V
Oscillation Frequency
Fsw
280
310
340
kHz
Short Circuit Oscillation Frequency
80
kHz
Maximum Duty Cycle
DMAX
88
%
EN Lockout Threshold Voltage
2.4
2.6
2.8
V
EN Lockout Hysteresis
75
mV
Input Under Voltage Lockout
Threshold
Input Voltage Rising
4
4.2
4.4
V
Internal Soft Startup Time
2
ms
Hiccup Frequency at short circuit
26
Hz
Under Voltage Threshold
0.74
V
Thermal Shutdown Hysteresis Window
30
°C
Thermal Shutdown
160
°C
Input Voltage
4.5
18
V
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com