Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4455 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4455
Description  36V/5A Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4455 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4455_14 Datasheet HTML 1Page - Active-Semi, Inc ACT4455_14 Datasheet HTML 2Page - Active-Semi, Inc ACT4455_14 Datasheet HTML 3Page - Active-Semi, Inc ACT4455_14 Datasheet HTML 4Page - Active-Semi, Inc ACT4455_14 Datasheet HTML 5Page - Active-Semi, Inc ACT4455_14 Datasheet HTML 6Page - Active-Semi, Inc ACT4455_14 Datasheet HTML 7Page - Active-Semi, Inc ACT4455_14 Datasheet HTML 8Page - Active-Semi, Inc ACT4455_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
• 7.5V to 36V Input Voltage
• 40V Input Voltage Surge
• Up to 5A Output Current
• Up to 12V Output Voltage
• Dual Outputs with Independent Over Current
Protection
• 7.5% Accurate Over Current Protection (OCP)
• Integrated 45mΩ High Side Power FET
• 90% Efficiency at Heavy Load
• Internal 3ms Soft Startup
• Low Standby Input Current
• Sleeping Mode at OCP, OTP and SCP
• Zero Input and Output Currents at Over Current
and Short Circuit Protection
• Auto Recovery into Full Load after Faults
• Output Cord Voltage Drop Compensation
• Stable with Low ESR Ceramic Output Capacitors
• Internal Cycle-by-Cycle Current Control
• Programmable Over Current Setting
• SOP-8EP Package
APPLICATIONS
• Automotive Industry
• Dual-Output Car Charger
• LCD-TV
GENERAL DESCRIPTION
ACT4455 is a wide input voltage step-down DC/DC
converter with high-side MOSFET integrated. It
provides up to 5A continuous output current at
200kHz switching frequency. The converter can be
configured as single output or dual outputs with
independent over current protection. The converter
achieves high efficiency and excellent load and line
regulation. The converter enters into hiccup and
sleeping
mode
and
the
converter
power
consumption is nearly zero when output is
overloaded or shorted to ground. Other protection
features includes cycle-by-cycle current limit, under
voltage protection and thermal shutdown. The
device is available in SOP8-EP package.
ACT4455
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
Efficiency (%)
0
1000
2000
3000
4000
5000
90
80
70
60
50
100
Efficiency vs. Load current
VIN = 24V
VIN = 12V
VIN = 32V


Similar Part No. - ACT4455_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4455YH-T ACTIVE-SEMI-ACT4455YH-T Datasheet
674Kb / 15P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
More results

Similar Description - ACT4455_14

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA Datasheet
755Kb / 7P
1.3A 36V PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
5A Synchronous Step-Down DC/DC
logo
ELM Electronics
ELM610DA ELM-ELM610DA Datasheet
1Mb / 7P
1.3A 36V PWM step down DC/DC converter
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
ELM651DA ELM-ELM651DA Datasheet
1Mb / 10P
CC/CV Mode 36V step down 5A DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
1.3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com