Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4501 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4501
Description  1.25A CC/CV Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4501 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4501 Datasheet HTML 1Page - Active-Semi, Inc ACT4501 Datasheet HTML 2Page - Active-Semi, Inc ACT4501 Datasheet HTML 3Page - Active-Semi, Inc ACT4501 Datasheet HTML 4Page - Active-Semi, Inc ACT4501 Datasheet HTML 5Page - Active-Semi, Inc ACT4501 Datasheet HTML 6Page - Active-Semi, Inc ACT4501 Datasheet HTML 7Page - Active-Semi, Inc ACT4501 Datasheet HTML 8Page - Active-Semi, Inc ACT4501 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
10V-30V Input Voltage
40V Transparent Input Voltage Surge
Up to 1.25A Constant Output Current
Output Voltage up to 12V
Good EMC Performance on Single Layer PCB
Patent Pending ActiveCC Constant Current
Control
Integrated Current Control Improves
Efficiency, Lowers Cost, and Reduces
Component Count
Resistor Programmable Outputs
Current Limit from 500mA to 1250mA
Patented cable compensation from DC Cable
Compensation from 0Ω to 0.5Ω
2% Feedback Voltage Accuracy
Up to 90% Efficiency
125kHz Switching Frequency Eases EMI Design
Advanced Feature Set
Integrated Soft Start
Thermal Shutdown
Secondary Cycle-by-Cycle Current Limit
Protection Against Shorted ISET Pin
SOP-8 Package
APPLICATIONS
Car Charger
Rechargeable Portable Devices
General-Purpose CC/CV Power Supply
GENERAL DESCRIPTION
ACT4501 is a dedicated cost-effective DC-DC
converter for 5V/1A car charger applications with a
wide input voltage and high efficiency. The
converter operates in either CV (Constant Output
Voltage) mode or CC (Constant Output Current)
mode. ACT4501 provides up to 1.25A output
current at 125kHz switching frequency.
ActiveCC is a patent-pending control scheme to
achieve high accuracy sensorless constant current
control. ActiveCC eliminates the expensive, high
accuracy current sense resistor, making it ideal for
battery charging applications and high-brightness
LED drive for architectural lighting. The ACT4501
achieves higher efficiency than traditional constant
current switching regulators by eliminating the
sense resistor and its associated power loss.
Protection features include cycle-by-cycle current
limit, thermal shutdown, and frequency foldback at
short circuit. The devices are available in a SOP-8
package and require very few external devices for
operation.
ACT4501
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
Load Current (mA)
10
100
1000
10000
1
100
90
80
70
60
50
40
Efficiency vs. Load Current
VIN = 12V
VOUT = 5V
VIN = 24V
VIN = 16V


Similar Part No. - ACT4501

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4501 ACTIVE-SEMI-ACT4501 Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
ACT4501SH-T ACTIVE-SEMI-ACT4501SH-T Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
More results

Similar Description - ACT4501

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4303 ACTIVE-SEMI-ACT4303 Datasheet
622Kb / 15P
30V/3A Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 05-Dec-11
ACT4501 ACTIVE-SEMI-ACT4501 Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
EA4501SH ACTIVE-SEMI-EA4501SH Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
logo
Shenzhen Huazhimei Semi...
HM4523 HMSEMI-HM4523 Datasheet
662Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4533A HMSEMI-HM4533A Datasheet
622Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4533A-E HMSEMI-HM4533A-E Datasheet
622Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4523-E HMSEMI-HM4523-E Datasheet
662Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7330 AITSEMI-A7330 Datasheet
665Kb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) SENSORLESS CC/CV
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com