Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5880 Datasheet(PDF) 47 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 47 Page - Active-Semi, Inc

Back Button ACT5880_14 Datasheet HTML 43Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 44Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 45Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 46Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 47Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 48Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 49Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 50Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 51Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 47 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
STEP-DOWN DC/DC ELECTRICAL CHARACTERISTICS
(VVP1 = VVP2 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range,
VVP1, VVP2
2.7
6
UVLO, VVP1, VVP2
2.5
2.6
2.7
UVLO Hysteresis
100
mV
Output Programming Range
0.6
3.9
V
Output Voltage Accuracy
REG1 or REG2 in buck
mode, IOUT = 10mA
For output ≥1.2V
-1
1
%
For output <1.2V
-1.5
1.5
REG2 in LDO mode, LOWIQ[ ] = 0, IOUT = 10mA
-1.5
1.5
Maximum Load Current
The REG1
1.2
A
EVENT4[ ]=0, the REG2, buck mode
0.7
EVENT4[ ]=1, the REG2, linear mode
0.02
Line Regulation
VVPX = Max (VOUT +1V, 3.2V) to 5.5V
0.15
%/V
Load Regulation
Load = 10mA to full maximum load
1.7
%/mA
Turn-On Propagation Delay
From the I2C last bit latched or PWRHLD set 1
to output changes.
150
µs
Soft Start Ramp Time,
REG1 and REG2 buck
mode.
Time between 2 intersection points of the ramp
slope and 2 voltages; 0% and 100% of the final,
no and full load.
400
Switch Frequency
Normal operation, is the system oscillator
frequency.
1.8
2
2.2
MHz
Efficiency
REG1, Load = 200mA, VOUT1 = 1.2V
90
%
REG2, Load=200mA, VOUT2=1.8V
93
OK Threshold to Normal
Ratio
OK[ ] asserts 0
93
Switch Frequency Fold-back
Voltage Threshold to Normal
Switch Frequency folds-back to 1/4 of normal
frequency.
25
No Load Current
65
µA
Shutdown Current
1
V
Note:
See the TYPICAL PERFORMANCE CHARACTERISTICS for:
The REG1 Soft-Start from Last I2C Bit, Full Load.
The REG1 Soft-Start from PWRHLD Set 1, No Load.
The REG1 Step Transition Response, Full Load.
The REG1 Efficiency Plot.
The REG2 Efficiency Plot.
The REG1 Load Transition Response.
The REG2 Load Transition Response.
The REG2 Buck mode to the Linear Mode Transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com