Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6305 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6305 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT6305 Datasheet HTML 2Page - Active-Semi, Inc ACT6305 Datasheet HTML 3Page - Active-Semi, Inc ACT6305 Datasheet HTML 4Page - Active-Semi, Inc ACT6305 Datasheet HTML 5Page - Active-Semi, Inc ACT6305 Datasheet HTML 6Page - Active-Semi, Inc ACT6305 Datasheet HTML 7Page - Active-Semi, Inc ACT6305 Datasheet HTML 8Page - Active-Semi, Inc ACT6305 Datasheet HTML 9Page - Active-Semi, Inc ACT6305 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ACT6305
Rev 3, 15-Nov-12
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
APPLICATIONS INFORMATION
Output Voltage Selection
The ACT6305 provides fixed output voltage options
of 3.3V or 5V, or the output voltage may be ad-
justed over a 2V to 5V range by connecting an
external resistive voltage divider. When Output Volt-
age is set by external resistive voltage divider, add
a 47pF to 150pFcapacitor as feedforward capacitor
(CFF) as shown in Figure 1.
Table 1:
Output Voltage Programming
Figure 1:
Output Voltage Setting
Output Capacitor Selection
A minimum value of output capacitance is required
to maintain loop stability and normal operation of
the IC. The output capacitor value should be in the
range of 22µF to 100µF. To obtain small output rip-
ple, use a large capacitor with low ESR. Ceramic
capacitors should be used for highest performance.
If a tantalum capacitor is used, choose only low
ESR types and a smaller low ESR capacitor of
about 1µF can be connected in parallel to filter high
frequency noise.
Inductor Selection
For most applications, the inductor value should be
in the range of 4.7µH to 22µH. Smaller inductors
provide faster load transient response and have a
smaller physical size, but they also result in higher
ripple current and reduce the maximum available
output current. Choose inductors with low series
resistance to obtain the highest efficiency.
Board Layout
To reduce noise and increase efficiency, high cur-
rent traces should be wide and direct, and an ex-
tended ground plane should be used. Switching
current paths should be laid out as tightly as possi-
ble, with the inductor and input and output capaci-
tors located close to the IC in order to reduce elec-
tromagnetic radiation.
If an external resistor divider is used, place the re-
sistors very close to the FB and G pins, and keep
them away from the high switching current paths.
FB = OUT
VOUT = 3.3V
FB = G
VOUT = 5V
FB connect to resistive
divider
VOUT = 1.18V (1 + RFB1/RFB2)
FB
ACT6305
VOUT
RFB1
RFB2
OUT
CFF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com