Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

364708 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 364708
Description  MSpeed Federl. 90 PM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

364708 Datasheet(HTML) 1 Page - ERNI Electronics

  364708 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1,6
1,6
Abspulrichtung -
Reel off Direction
330
Verpackt in Gurtverpackung
Tape on Reel Packaging
Verpackungseinheit: 500 Stück
Packaging unit: 500 pcs
≤
0,1 mm
Coplanarity Area of Termination ≤
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
BlindMate SMD/THR
MSPEED
MSpeed female 90° PM
MSpeed Federl. 90° PM
364708
Date
Index
5:1
Class
A3
prior notice.
contact one of the ERNI companies
15.04.2013
c
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Leiterplatten-Layout Vorschlag /
1.)
PCB-Layout Proposal
1.)
Leiterplattenkante
Board edge
1.) Durchmesser des Bohrers /
Drill tool
3 x 3 =
0,9
±0,05
±0,03
11
0,7
±0,03
2
0,8
8
4 x 2 =
1,5
±0,03
3
9
0,6
1
6,1
0,6
3
9,8
0,8
2,4
8,8
a1
a5
10
11
0,6
12,4
0,5
4 x 2 = 8
2
11,9
Schirmblechauflagefläche berücksichtigen,
keine Durchkontaktierungen oder Leitungen möglich!
Consider shielding contact area, no via´s or traces possible!
a1
16


Similar Part No. - 364708

ManufacturerPart #DatasheetDescription
logo
Lumberg
364708 LUMBERG-364708 Datasheet
524Kb / 4P
RAST 5 connectors, pitch 5.0 mm
364708M08v LUMBERG-364708M08v Datasheet
102Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
More results

Similar Description - 364708

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364709 ERNI-364709 Datasheet
82Kb / 1P
MSpeed Federl. 90 PM SMD
394571 ERNI-394571 Datasheet
56Kb / 1P
MSpeed Federl. 90 PM THR
364707 ERNI-364707 Datasheet
74Kb / 1P
MSpeed Federl. 90 PM
394570 ERNI-394570 Datasheet
52Kb / 1P
MSpeed Federl. 90 PM
100600100004 ERNI-100600100004 Datasheet
76Kb / 1P
MSpeed Federl. 90 PM
DC0007143 ERNI-DC0007143 Datasheet
82Kb / 1P
MSpeed Federl. 90 PM SMD MSpeed female 90 PM SMD
DC0007148 ERNI-DC0007148 Datasheet
56Kb / 1P
MSpeed Federl. 90 PM SMD MSpeed female 90 PM SMD
DC0007154 ERNI-DC0007154 Datasheet
74Kb / 1P
MSpeed Federl. 90 PM SMD MSpeed female 90 PM SMD
DC0007160 ERNI-DC0007160 Datasheet
73Kb / 1P
MSpeed Federl. 90 PM MSpeed female 90 PM
DC0007163 ERNI-DC0007163 Datasheet
76Kb / 1P
MSpeed Federl. 90 PM SMD MSpeed female 90 PM SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com