Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6311 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT6311
Description  White LED/OLED Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6311 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT6311_14 Datasheet HTML 3Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 4Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 5Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 6Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 7Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 8Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 9Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 10Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACT6311
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 4, 15-Nov-12
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit of Figure 1, unless otherwise specified.)
1.30
1.25
1.20
Line Regulation
1.15
1.10
-40
-15
10
35
60
85
Temperature (°C)
FB Voltage vs. Temperature
14.0
13.5
13.0
12.5
12.0
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
12.0
12.5
13.0
13.5
14.0
0
5
10
15
20
25
30
35
Load (mA)
Load Regulation
1.10
1.05
1.00
0.95
0.90
-40
-15
10
35
60
85
Temperature (°C)
Switching Frequency vs. Temperature
250
300
250
400
450
Duty Cycle (%)
Current Limit vs. Duty Cycle
20
30
40
50
60
70
80
Efficiency vs. Output Voltage
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
VIN = 3.6V
IOUT = 20mA
VIN = 3.6V
VIN = 3V
VIN = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com