Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6311 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT6311
Description  White LED/OLED Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6311 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT6311 Datasheet HTML 1Page - Active-Semi, Inc ACT6311 Datasheet HTML 2Page - Active-Semi, Inc ACT6311 Datasheet HTML 3Page - Active-Semi, Inc ACT6311 Datasheet HTML 4Page - Active-Semi, Inc ACT6311 Datasheet HTML 5Page - Active-Semi, Inc ACT6311 Datasheet HTML 6Page - Active-Semi, Inc ACT6311 Datasheet HTML 7Page - Active-Semi, Inc ACT6311 Datasheet HTML 8Page - Active-Semi, Inc ACT6311 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ACT6311
White LED/OLED Step-Up Converter
Efficiency vs. Output Current
Output Current (mA)
VIN = 3.6V
VIN = 3V
FEATURES
Adjustable Output Voltage
Drives OLEDs or White LEDs
30V High Voltage Switch
1MHz Switching Frequency
Tiny Inductors and Capacitors
Tiny SOT23-5 Package
APPLICATIONS
OLED Applications
Cell Phones
Digital Cameras
PDAs, Laptops
MP3 Players
GPS
GENERAL DESCRIPTION
The
ACT6311
step-up
DC/DC
converter
is
optimized for driving OLEDs or white LEDs. It can
provide an output voltage up to 24V. The device is
capable of driving up to seven LEDs in series from a
Lithium-Ion battery, with inherent current matching
and uniform brightness.
The ACT6311 incorporates a 30V high voltage
switch. The device operates at 1MHz and allows the
use of few external components. The ACT6311 is
available in the tiny SOT23-5 package.
0
20
40
60
80
100
0
5
10
15
20
25
30
35
VIN = 3V
VIN = 3.6V
Figure 1. Typical Application Circuit
Rev 4, 15-Nov-12


Similar Part No. - ACT6311

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6311 ACTIVE-SEMI-ACT6311 Datasheet
345Kb / 10P
White LED/OLED Step-Up Converter
Rev 3, 22-Feb-11
ACT6311 ACTIVE-SEMI-ACT6311 Datasheet
344Kb / 10P
White LED/OLED Step-Up Converter
Rev 4, 15-Nov-12
ACT6311UC-T ACTIVE-SEMI-ACT6311UC-T Datasheet
345Kb / 10P
White LED/OLED Step-Up Converter
Rev 3, 22-Feb-11
ACT6311UC-T ACTIVE-SEMI-ACT6311UC-T Datasheet
344Kb / 10P
White LED/OLED Step-Up Converter
Rev 4, 15-Nov-12
ACT6311 ACTIVE-SEMI-ACT6311_12 Datasheet
344Kb / 10P
White LED/OLED Step-Up Converter
Rev 4, 15-Nov-12
More results

Similar Description - ACT6311

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3304 FOSLINK-FSP3304 Datasheet
303Kb / 9P
WHITE LED/OLED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Active-Semi, Inc
ACT6311 ACTIVE-SEMI-ACT6311 Datasheet
345Kb / 10P
White LED/OLED Step-Up Converter
Rev 3, 22-Feb-11
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
logo
Active-Semi, Inc
ACT6311 ACTIVE-SEMI-ACT6311_12 Datasheet
344Kb / 10P
White LED/OLED Step-Up Converter
Rev 4, 15-Nov-12
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com