Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6357 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT6357
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6357 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT6357 Datasheet HTML 1Page - Active-Semi, Inc ACT6357 Datasheet HTML 2Page - Active-Semi, Inc ACT6357 Datasheet HTML 3Page - Active-Semi, Inc ACT6357 Datasheet HTML 4Page - Active-Semi, Inc ACT6357 Datasheet HTML 5Page - Active-Semi, Inc ACT6357 Datasheet HTML 6Page - Active-Semi, Inc ACT6357 Datasheet HTML 7Page - Active-Semi, Inc ACT6357 Datasheet HTML 8Page - Active-Semi, Inc ACT6357 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ACT6357/ACT6358
Rev 1, 15-Nov-12
Innovative PowerTM
- 5 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
Control Scheme
The ACT6357 and ACT6358 use a minimum off-
time, current-mode control scheme to achieve ex-
cellent performance under high duty-cycle operating
conditions. This control scheme initiates a switching
cycle only when needed to maintain output voltage
regulation, resulting in very high efficiency opera-
tion.
During each switching cycle, the N-channel power
MOSFET turns on, increasing the inductor current.
The switching cycle terminates when either the in-
ductor current reaches the current limit (500mA for
the ACT6357, 1A for the ACT6358) or when the
cycle lasts longer than the maximum on-time of
4µs. Once the MOSFET turns off, it remains off for
at least the minimum off-time of 320ns, then an-
other switching begins when the error comparator
detects that the output is falling out of regulation
again.
Soft-Start
The ACT6357 and ACT6358 include a programma-
ble soft-start function, which can be used to opti-
mize an application between start-up time and
start-up inrush current. Soft start is achieved by
connecting a capacitor CSS between the SS pin and
G. The soft start duration can be calculated from
the following equation:
where tSS is the required soft start duration. In a
typical application, use 0.1µF to generate 20ms soft
start time.
Over Voltage Protection
Both the ACT6357 and ACT6358 include internal
over-voltage protection circuitry that monitors the
OV pin voltage. Over-voltage protection is critical
when one of the LEDs in the LED string fails as an
open circuit. When this happens the feedback volt-
age drops to zero, and the control switches at maxi-
mum on time causing the output voltage to keep
rising until it exceeds the maximum voltage rating of
the power MOSFET. The ACT6357 and ACT6358's
over-voltage protection detects this condition and
switching ceases if the voltage at the OV pin
reaches 1.21V.
To set the maximum output voltage, connect a re-
sistor divider from the output node to G, with center
tap at OV, and select the two resistors with the fol-
lowing equation:
where VOV is the over voltage detection threshold,
ROV1 is the resistor between OV and G, and ROV2 is
the resistor from the output to the OV pin. As a first
estimate, the OV threshold can often be set to 4V
times the number of LEDs in the string.
⎥
⎦
⎤
⎢
⎣
⎡
−
⎟
⎠
⎞
⎜
⎝
⎛
×
=
1
V
21
.
1
V
R
R
OV
1
OV
2
OV
s
F
μ
5
t
C
SS
SS
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com