Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 49 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 49 Page - Active-Semi, Inc

Back Button ACT8600_14 Datasheet HTML 43Page - Active-Semi, Inc ACT8600_14 Datasheet HTML 44Page - Active-Semi, Inc ACT8600_14 Datasheet HTML 45Page - Active-Semi, Inc ACT8600_14 Datasheet HTML 46Page - Active-Semi, Inc ACT8600_14 Datasheet HTML 47Page - Active-Semi, Inc ACT8600_14 Datasheet HTML 48Page - Active-Semi, Inc ACT8600_14 Datasheet HTML 49Page - Active-Semi, Inc ACT8600_14 Datasheet HTML 50Page - Active-Semi, Inc ACT8600_14 Datasheet HTML 51Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 49 -
www.active-semi.com
temperature of the battery pack by injecting a 100μA
(typ) current into the thermistor (via the TH pin) and
sensing the voltage at TH. The voltage at TH is
continuously monitored, and charging is suspended
if the voltage at TH exceeds either of the internal
VTHH and VTHL thresholds of 0.5V and 2.5V,
respectively.
The net resistance (from TH to GA) required to cross
the thresholds are given by:
100μA × RNOM × kHOT = 0.5V → RNOM × kHOT ≈
5kΩ
100μA × RNOM × kCOLD = 2.5V → RNOM ×
kCOLD ≈ 25kΩ
where RNOM is the nominal thermistor resistance at
room temperature, and kHOT and kCOLD represent
the ratios of the thermistor's resistance at the
desired hot and cold thresholds, respectively, to the
resistance at 25°C.
The status of the battery temperature pin may be
read at any time by reading the TEMPDAT[-] bit,
where a value of 1 indicates that battery temperature
is within the valid range, and a value of 0 indicates
that battery temperature has exceeded either of the
thresholds.
Figure 7:
Simple Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com