Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK86B Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SK86B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SK86B Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SK86B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SK86B Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SK82B THRU SK 20B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
www.paceleader.tw
SK 82B thru SK 820B
8
8
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
0
2
4
6
8
10
0
20
40
60
80
100
120
140
160
180
AMBIENT TEMPERATURE(℃)
0.01
0.10
1.00
10.00
100.00
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
FORWARD VOLTAGE (V)
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60Hz
0.00
0.01
0.10
1.00
10.00
100.00
20%
40%
60%
80%
100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25℃
100℃
FIG. 5-TYPICAL JUNCTION CAPACITANCE
0.0
200.0
400.0
600.0
800.0
1000.0
1200.0
1400.0
0
1
10
100
REVERSE VOLTAGE (V)
SK82B~SK84B
SK85B~SK86B
SK88B~SK810B
SK815B
SK820B
SK82B~SK84B
SK85B~SK86B
SK88B~SK810B
SK815B
SK820B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com