Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8828 Datasheet(PDF) 38 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 38 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 34Page - Active-Semi, Inc ACT8828 Datasheet HTML 35Page - Active-Semi, Inc ACT8828 Datasheet HTML 36Page - Active-Semi, Inc ACT8828 Datasheet HTML 37Page - Active-Semi, Inc ACT8828 Datasheet HTML 38Page - Active-Semi, Inc ACT8828 Datasheet HTML 39Page - Active-Semi, Inc ACT8828 Datasheet HTML 40Page - Active-Semi, Inc ACT8828 Datasheet HTML 41Page - Active-Semi, Inc ACT8828 Datasheet HTML 42Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
ActivePath
TM CHARGER
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 38 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
ELECTRICAL CHARACTERISTICS CONT’D
(VCHG_IN = 5V, TA = 25°C, unless otherwise specified.)
: ISET (mA) = KISET × 1V/(RISET (kΩ) +0.031) where KISET = 628
2
: TPRECONDITION = TNORMAL / 3 (typ)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
CHARGER
BAT Reverse Leakage Current
VCHG_IN = 0V, VBAT = 4.2V, IVSYS = 0mA
5
µA
BAT to VSYS On-Resistance
80
mΩ
ISET Pin Voltage
Fast Charge
1.02
V
Precondition
0.12
Charge Termination Voltage
TA = -20°C to 70°C
4.179
4.2
4.221
V
TA = -40°C to 85°C
4.170
4.230
Charge Current
VBAT = 3.5V,
RISET = 1.2kΩ
ACIN = VSYS, CHGLEV = VSYS -10%
ISET1
+10%
mA
ACIN = VSYS, CHGLEV = GA
-16%
50%ISET +16%
ACIN = GA, CHGLEV = VSYS
-10%
Smallest
(450mA
or ISET)
+10%
ACIN = GA, CHGLEV = GA
-10%
Smallest
(90mA or
ISET)
+10%
Precondition Charge Current
VBAT = 2.5V,
RISET = 1.2kΩ
ACIN = VSYS, CHGLEV = VSYS
12%ISET
mA
ACIN = VSYS, CHGLEV = GA
12%ISET
ACIN = GA, CHGLEV = VSYS
12%ISET
ACIN = GA, CHGLEV = GA
Smallest
(90mA or
12%ISET)
Precondition Threshold Voltage
VBAT Voltage Rising
2.75
2.85
2.95
V
Precondition Threshold Hysteresis VBAT Voltage Falling
100
mV
End-of-Charge Current Threshold
VBAT = 4.2V,
RISET = 1.2kΩ
ACIN = VSYS, CHGLEV = VSYS -10%
10%ISET +10%
mA
ACIN = VSYS, CHGLEV = GA
-10%
10%ISET +10%
ACIN = GA, CHGLEV = VSYS
-10%
5%ISET
+10%
ACIN = GA, CHGLEV = GA
-10%
5%ISET
+10%
Charge Restart Threshold
VSET - VBAT, VBAT Falling
150
170
190
mV
Fast Charge Safety Timer
TNORMAL
3
hr
Precondition Safety Timer
TPRECONDITION
12
hr
THERMAL REGULATION
Thermal Regulation Threshold
100
145
°C
RBTR = 62 kΩ
RBTR = 62 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com