Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP3LN62K3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP3LN62K3
Description  N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFET DPAK, TO-220FP, TO-220, IPAK
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3LN62K3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP3LN62K3 Datasheet HTML 10Page - STMicroelectronics STP3LN62K3 Datasheet HTML 11Page - STMicroelectronics STP3LN62K3 Datasheet HTML 12Page - STMicroelectronics STP3LN62K3 Datasheet HTML 13Page - STMicroelectronics STP3LN62K3 Datasheet HTML 14Page - STMicroelectronics STP3LN62K3 Datasheet HTML 15Page - STMicroelectronics STP3LN62K3 Datasheet HTML 16Page - STMicroelectronics STP3LN62K3 Datasheet HTML 17Page - STMicroelectronics STP3LN62K3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Package mechanical data
STD3LN62K3, STF3LN62K3, STP3LN62K3, STU3LN62K3
14/21
Doc ID 18452 Rev 1
Figure 26.
IPAK (TO-251) drawing
0068771_H
AM09214V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com