Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC06-24SC Datasheet(PDF) 2 Page - Recom International Power

Part # RAC06-24SC
Description  Very Compact AC-DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC06-24SC Datasheet(HTML) 2 Page - Recom International Power

  RAC06-24SC Datasheet HTML 1Page - Recom International Power RAC06-24SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.54
1.2ø+0.2/–0.1
2.54
1
2
3
4
10
15
(5)
6.1
45.72
15.65
16.40+0.25
-
-
88
15.65
AWG#22
10 stripped and tinned
1
2
4
3
10.16
Bottom View
50.9 (single)
53.5 (dual)
20.32
Top View
1.0
10.16
10.16
Standoffs = 0.75+0.25
Leave
Clear of
PCB
Traces
(5)
10.16
25.5 (single)
27.8 (dual)
12.75 (single)
13.90 (dual)
50.9 (single)
53.5 (dual)
www.recom-international.com
PA-30
REV: 2/2014
RAC06-S_DC
Series
POWERLINE
AC/DC-Converter
Specifications (measured at TA 25°C, full load after warm-up)
Pin Connections
Pin #
Single Out
Dual Out
1
VAC in (N)
VAC in (N)
2
VAC in (L)
VAC in (L)
3
+VDC out
+VDC out
4
-VDC out
Com
5
No Pin
-VDC out
Tolerance
± 0.5 mm
Recommended Footprint Details
PCB Mounting Version (Standard)
Wired Version (Suffix /W)
Wire Connections
Wire
AWG#22
Single Out
Dual Out
Blue
1015
VAC in (N)
VAC in (N)
Brown
1015
VAC in (L)
VAC in (L)
Red
1007
+VDC out
+VDC out
Black
1007
-VDC out
Com
Orange
1007
-VDC out
Package Style and Pinning
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.3V
5V
15V, 24V
9V, 12V
Operating Temperature Range
(free air convection, without derating)
-25°C to +55°C
(free air convection, with derating)
-25°C to +75°C
Storage Temperature Range
-40°C to +100°C
Recommended External Input Fuse
1.5A Slow Blow
Humidity
95% RH max.
Case Material
Plastic Case filled with Epoxy (UL94V-0)
Package Weight
Single/Dual
35g/38g
Packing Quantity
Single Output
10 pcs
Dual Output
9 pcs
/W Version
1 pc
Emissions
CE
EN 55022: 2006 + A1: 2007 / Class B
EMC
EN 55024:1998 + A1:2001 + A2:2003
Harmonics
EN 61000-3-2:2006 / Class A
Flicker
EN 61000-3-3:1995 + A1:2001 +A2:2005
Immunity
ESD
IEC 61000-4-2 / Criterion B
RS
IEC 61000-4-3 / Criterion A
EFT
IEC 61000-4-4 / Criterion B
Surge
IEC 61000-4-5 / Criterion B
CS
IEC 61000-4-6 / Criterion A
PMF
IEC 61000-4-8 / Criterion A
Voltage Variations
IEC 61000-4-11 / Criteria B + C
MTBF (+25°C)
using MIL-HDBK-217F
>400 x 103 hours
(+65°C)
>200 x 103 hours
Certifications:
UL General Safety
Report: E224736
UL-60950-1, 2nd Edition
cUL
Report: E224736
C22.2 No. 60950-1-07, 2nd Edition
EN General Safety
Report: SPCLVD1211033-1
EN-60950-1:2006 + A12:2011
CE
EN55022 Class B
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
±5V
±12V, ±15V
Single Output
Dual Output
Input Voltage Derating Graph
Input Voltage (VAC) Ta=25°C
Safe Operating Area
100%
90%
80%
70%
80
130
180
230
280
90V, 100%
80V, 80%
264V, 100%
Notes:
Note1: Measured @ 230VAC / 50Hz / Ta=25°C with constant resistant mode at full load.
Note2: If used @ 115VAC / 60Hz with full load, max. capacitive load is less, please contact RECOM for
detailed information.
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The Buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or damage property.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com