Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83242 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 83242
Description  Coax - 50 Ohm Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

83242 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  83242 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83242 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83242 Datasheet HTML 3Page - List of Unclassifed Manufacturers 83242 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Military Specification:
MIL-DTL-17H, M17/158-00001
RG Type:
142B/U
Flame Test
C(UL) Flame Test:
FT6
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
50
Nom. Inductance:
Inductance (µH/ft)
.067
Nom. Capacitance Conductor to Shield:
Capacitance (pF/ft)
29.0
Nominal Velocity of Propagation:
VP (%)
70%
Nominal Delay:
Delay (ns/ft)
1.48
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
19.3
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
2.3
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100 ft.)
10
1.1
50
2.6
100
3.8
200
5.4
400
7.9
700
10.7
900
12.3
1000
13.1
2000
19.3
3000
24.2
5000
32.6
8000
43.2
Max. Operating Voltage - UL:
Voltage
150 V RMS
Max. Operating Voltage - Other:
Voltage
Description
Page 2 of 3
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
83242 Coax - 50 Ohm Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com