Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU2012 Datasheet(PDF) 16 Page - Samsung semiconductor

Part # RU2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RU2012 Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button RU2012 Datasheet HTML 12Page - Samsung semiconductor RU2012 Datasheet HTML 13Page - Samsung semiconductor RU2012 Datasheet HTML 14Page - Samsung semiconductor RU2012 Datasheet HTML 15Page - Samsung semiconductor RU2012 Datasheet HTML 16Page - Samsung semiconductor RU2012 Datasheet HTML 17Page - Samsung semiconductor RU2012 Datasheet HTML 18Page - Samsung semiconductor RU2012 Datasheet HTML 19Page - Samsung semiconductor RU2012 Datasheet HTML 20Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
30
31
RP10AT
Type
Item
Specifications
0.04W /
package
1.00±0.10
1.00±0.10
0.35±0.10
0.33±0.05
0.20±0.10
0.25±0.10
0.65±0.10
1.1
㎎
Power(W)
L
WT
A
B
C
P
Average
Weight
Substrate
Resistor
Electrode
• Structure
•Dimensions
L
P
B
AT
W
C
RP:Convex type
RP
Code Designation
10 :1.0 x1.0(mm)-0404(inch)
AT:Unbalanced
π-type
Attenuator
10AT
Dimensions & Circuit Configuration
L : ± 0.3 dB
H : ± 0.5 dB
L
Attenuation Value Tolerance
A : 50 ohm
A
Characteristic Impedance
3 dB
EX) 0
→0dB
03
Attenuation Value
CS :Tape Packaging 7"
CS
Packing Type
•The part number system shall be in the following format
The rated power is the maximum continuous loading power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power follows the below power derating curve.
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Rated load percent (
%)
70
125
•The RP10AT is small-size chip Attenuator,
suitable for high density surface mounting
.
•Unbalanced πtype attenuator circuit in one chip(1.0 mm x 1.0 mm).
•Mounting occupation area reduction : about 50 % reduction.
•Mounting cost reduction : Mounting times 3 times →1 time.
•Attenuation : 0 dB to 10 dB.
•Attenuation / level control / impedance matching of high frequency
signals of communication equipment; cellular phones(GSM, CDMA,
etc.), PHS, PDA, for example.
Feature
Application
Structure and Dimensions
Specification
Power Derating Curve
Equivalent Circuit Configuration
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Coating
Parts Numbering System
(UNIT: mm)
Attenuation Value
Attenuation Value Tolerance
Characteristic Impendance
Power Rating
Frequency Range
VSWR (Voltage Standing Wave Ratio)
Number of terminals
Category Temperature Range
(Operating Temperature Range)
0 dB~15dB
0 dB~5 dB : ± 0.3 dB
6 dB~15dB : ± 0.5 dB
50
Ω
0.04W / package
DC to 3 GHz
1.3 max
4 terminals
-55
℃ to +125 ℃
R2
R1
R3
Attenuator
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com