Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP34N65M5 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STP34N65M5
Description  N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP34N65M5 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STP34N65M5 Datasheet HTML 14Page - STMicroelectronics STP34N65M5 Datasheet HTML 15Page - STMicroelectronics STP34N65M5 Datasheet HTML 16Page - STMicroelectronics STP34N65M5 Datasheet HTML 17Page - STMicroelectronics STP34N65M5 Datasheet HTML 18Page - STMicroelectronics STP34N65M5 Datasheet HTML 19Page - STMicroelectronics STP34N65M5 Datasheet HTML 20Page - STMicroelectronics STP34N65M5 Datasheet HTML 21Page - STMicroelectronics STP34N65M5 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DocID022853 Rev 3
21/22
STB34N65M5, STI34N65M5, STP34N65M5, STW34N65M5
Revision history
22
6
Revision history
Table 14. Document revision history
Date
Revision
Changes
23-Feb-2012
1
First release.
15-Oct-2012
2
– Added package, mechanical data: I²PAKFP
– Updated Table 1: Device summary, Table 2: Absolute maximum
ratings, Table 3: Thermal data.
– Minor text changes.
–Curves inserted
02-Oct-2013
3
– The part numbers STF34N65M5 and STFI34N65M5 have been
moved to the separate datasheet
– Modified: Figure 1
– Added: MOSFET dv/dt ruggedness parameter in Table 2
– Updated: Section 4: Package mechanical data and Section 5:
Packaging mechanical data
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com