Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFM107-M Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # FFM107-M
Description  FAST SWITCHING SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FFM107-M Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  FFM107-M Datasheet HTML 1Page - PACELEADER INDUSTRIAL FFM107-M Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
thru
FAST SWITCHING SURFACE MOUNT RECTIFIER
FAST SWITCHING SURFACE MOUNT RECTIFIER
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 1.0 AMPERES
www.paceleader.tw
FFM101-M
FFM107-M
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
• Tiny plastic SMD package.
High current capability.
• Fast switching for high efficiency.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
•
•
•
•
•
•
• Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123 / MINI SMA
• Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.027 gram
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
èJA
C
J
T
STG
A
A
uA
OC/W
OC
pF
1.0
30
5.0
+175
-65
42
O
V
= V
T = 25 C
R
RRM
A
O
V
= V
T = 100 C
R
RRM
A
Junction to ambient
15
100
FFM101-M
FFM102-M
FFM103-M
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
V
F
(V)
*4
FFM104-M
FFM105-M
400
600
280
420
1.30
-55 to +150
FFM106-M
FFM107-M
800
1000
560
700
T
RR
(nS)
*5
150
250
500
50
100
200
400
600
800
1000
O
(C)
Operating
temperature
T,
J
SOD-123
0.012(0.3) Typ .
0.071(1.8)
0.055(1.4)
0.039(1.0)
0.024(0.6)
0.031(0.8) Typ .
0.031(0.8) Typ .
Dimensions in inches and (millimeters)
0.154(3.9)
0.138(3.5)


Similar Part No. - FFM107-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM107-M FORMOSA-FFM107-M Datasheet
69Kb / 2P
Fast recovery type
logo
Gaomi Xinghe Electronic...
FFM107-M GXELECTRONICS-FFM107-M Datasheet
353Kb / 2P
Fast recovery type
logo
Formosa MS
FFM107-M FORMOSA-FFM107-M Datasheet
101Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FFM107-M WINNERJOIN-FFM107-M Datasheet
150Kb / 2P
Fast recovery type
logo
DIYI Electronic Technol...
FFM107-M DYELEC-FFM107-M Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FFM107-M

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
GR1A GOOD-ARK-GR1A Datasheet
168Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
Surface Mount Fast Switching Rectifier
19-Apr-11
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
Surface Mount Fast Switching Rectifier
25-Apr-14
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
Surface Mount FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
Surface-Mount Fast Switching Rectifier
25-Feb-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com