Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SACB10 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SACB10
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SACB10 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SACB10 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SACB10 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SACB10 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◎ Plastic package has Underwriters Laboratory Flammability Classification 94V-O
◎ Glass passivated junction
◎ 500W Peak Pulse Power capability with a 10/1000us waveform,repetition
rate (duty cycle): 0.01%
◎ Excellent clamping capability
◎ Low incremental surge resistance
◎ Fast response time: typically less than 1.0ns from 0 Volts to V(BR)
◎ Ideal for data line applications
◎ High temperature soldering guaranteed: 265°C/10 seconds,0.375"(9.5mm)
lead length,5lbs., (2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO214AA. Molded plastic over glass passivated junction
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:The band denotes TVS cathode
Standard Packaging:12mm tape(EIA STD RS-481)
Weight: 0.003ounce, 0.093gram
SYMBOL
VALUE
UNITS
PPPM
Minimum
500
Watts
PM(AV)
3
Watts
IPPM
SEE
TABLE 1
Amps
TJ , TSTG
-55 to +
175
℃
Note:
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
SACB SERIES
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE5.0 - 50 Volts
500 watt Peak Pulse Power
FEATURES
Peak Power Pules Surge Current With a 10/1000µs Waveform (Note 1.FIG.3)
Operating junction and Storage Temperature Range
RATING
Peak Pulse Power Dissipation With a 10/1000µs waveform
(Note 1,FIG.1)
Steady State Power Dissipation , TL = 75℃ With at lead lengths 0.375"(9.5mm)
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Transient
Voltage
Suppressor
Diode
Schemati
DO-214AA (SMB J-Bend)
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.077 (1.95)
0.180 (4.57)
0.160 (4.06)
Cathode Band
0.096 (2.44)
0.084 (2.13)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
Dimensions in inches and(millimeters)
0.012 (0.305)
0.006 (0.152)
0.008 (0.203) MAX.
2
www.paceleader.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com