Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4967 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AM4967
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4967 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM4967 Datasheet HTML 2Page - Diodes Incorporated AM4967 Datasheet HTML 3Page - Diodes Incorporated AM4967 Datasheet HTML 4Page - Diodes Incorporated AM4967 Datasheet HTML 5Page - Diodes Incorporated AM4967 Datasheet HTML 6Page - Diodes Incorporated AM4967 Datasheet HTML 7Page - Diodes Incorporated AM4967 Datasheet HTML 8Page - Diodes Incorporated AM4967 Datasheet HTML 9Page - Diodes Incorporated AM4967 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Data Sheet
6
Oct. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
OUT1B/OUT2B Output Current
IOUTB
20
mA
OUT1/OUT2 Sink Current
IOUT
20
mA
OUT1B/OUT2B/OUT1/OUT2
Withstand Voltage
VOUT
18
V
VPWM/VMIN Withstand Voltage
VPWM/VVMIN
7V
LS Withstand Voltage
VLS
7V
FG/RD Withstand Voltage
VFG/VRD
VCC
V
FG/RD Output Current
IFG/IRD
10
mA
VREF Output Current
IREF
20
mA
Power Dissipation (Note 2)
PD
800
mW
Storage Temperature Range
TSTG
-55 to 150
oC
ESD (Human Body Model)
ESD
2000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: When mounted on the specified printed circuit board (114.3mm
×76.1mm×1.6mm, glass epoxy).
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
5.5
16
V
VPWM/VMIN Input Voltage
0
5
V
Hall Input Voltage
0.2
3
V
Ambient Temperature
TA
-30
105
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com