Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4962 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AM4962
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4962 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AM4962 Datasheet HTML 3Page - Diodes Incorporated AM4962 Datasheet HTML 4Page - Diodes Incorporated AM4962 Datasheet HTML 5Page - Diodes Incorporated AM4962 Datasheet HTML 6Page - Diodes Incorporated AM4962 Datasheet HTML 7Page - Diodes Incorporated AM4962 Datasheet HTML 8Page - Diodes Incorporated AM4962 Datasheet HTML 9Page - Diodes Incorporated AM4962 Datasheet HTML 10Page - Diodes Incorporated AM4962 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics
(VCC=12V, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
IQ1
VCT=0
10.18
15
18.76
Quiescent Current
IQ2
VCT=5V
5.38
8
10.55
mA
Output Saturation Voltage at High
Side
VSATH
ISOURCE=200mA
1.0
1.17
V
Output Saturation Voltage at Low
Side
VSATL
ISINK=200mA
0.2
0.3
V
CPWM Frequency
fOSC
18
25
32
kHz
CF High Level Voltage
VCFH
VPWM=0
3.2
3.6
3.75
V
CF Low Level Voltage
VCFL
VPWM=5
1.83
1.95
2.15
V
VMIN Voltage
VMIN
3.4
3.7
4.0
V
RADJ Pin Voltage
VADJ
VPWM=0
3.6
3.8
4.4
V
Hall Input Hysteresis
VHYS
±10
±20
mV
Hall Bias Voltage
VHB
IHB=5mA
1.1
1.25
1.4
V
CT High Level Voltage
VCTH
3.55
3.7
3.88
V
CT Low Level Voltage
VCTL
1.55
1.7
1.85
V
CT Charge Current
ICHG
1.5
2
2.85
µA
CT Discharge Current
IDHG
0.14
0.2
0.285
µA
CT Charge and Discharge Ratio
RCD
ICHG/IDHG
8.5
10
14.5
FG Output Low Level Voltage
VFGL
IFG=5mA
0.2
0.3
V
FG Leakage Current
ILFG
VFG=12V
30
µA
RD Output Low Level Voltage
VRDL
IRD=5mA
0.2
0.3
V
RD Leakage Current
ILRD
VRD=12V
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com