Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4964GG Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AM4964GG
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964GG Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AM4964GG Datasheet HTML 13Page - Diodes Incorporated AM4964GG Datasheet HTML 14Page - Diodes Incorporated AM4964GG Datasheet HTML 15Page - Diodes Incorporated AM4964GG Datasheet HTML 16Page - Diodes Incorporated AM4964GG Datasheet HTML 17Page - Diodes Incorporated AM4964GG Datasheet HTML 18Page - Diodes Incorporated AM4964GG Datasheet HTML 19Page - Diodes Incorporated AM4964GG Datasheet HTML 20Page - Diodes Incorporated AM4964GG Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
19 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: TSSOP-20EP
0.650(0.026)TYP
6.200(0.244)
6.600(0.260)
6.400(0.252)
6.600(0.260)
INDEX
0.750(0.030)
0.850(0.033)
Dp
0.000(0.000)
0.100(0.004)
2.900(0.114)
3.100(0.122)
4.100(0.161)
4.300(0.169)
0.200(0.008)
0.280(0.011)
0.050(0.002)
0.150(0.006)
0.800(0.031)
1.050(0.041)
1.200(0.047)
MAX
0.340(0.013)
0.540(0.021)
10°
14°
0.250(0.010)TYP
0.450(0.018)
0.750(0.030)
1.000(0.039)
REF
0°
8°
R0.090(0.004)MIN
R0.090(0.004)MIN
TOP & BOTTOM
4-
0.200(0.008)MIN
4.300(0.169)
4.500(0.177)
0.100(0.004)
0.190(0.007)
EXPOSED PAD
Note: Eject hole, oriented hole and mold mark is optional.
Ф



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com