Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4951 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AM4951
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4951 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AM4951 Datasheet HTML 5Page - Diodes Incorporated AM4951 Datasheet HTML 6Page - Diodes Incorporated AM4951 Datasheet HTML 7Page - Diodes Incorporated AM4951 Datasheet HTML 8Page - Diodes Incorporated AM4951 Datasheet HTML 9Page - Diodes Incorporated AM4951 Datasheet HTML 10Page - Diodes Incorporated AM4951 Datasheet HTML 11Page - Diodes Incorporated AM4951 Datasheet HTML 12Page - Diodes Incorporated AM4951 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951/R/2
Apr. 2012
Rev. 1. 4
BCD Semiconductor Manufacturing Limited
9
Typical Application
Note 2: Adding D1 can protect the IC from destruction by reverse connection. If D1 is used, it is necessary to
insert a capacitor C1 to provide a regenerative current route. Similarly, if there is no nearby capacitor on the fan
power supply line, C1 will also be necessary to improve reliability. Its capacity should be larger than 2.2
µF.
Note 3: If the Hall sensor bias is taken from VCC, A 1/2 VCC bias, as shown in the figure must be used. Adjusting
the value of R1 and R2 may achieve better startup characteristics and efficiency, even quiet operation.
Note 4: This pin must be left open if unused.
Note 5: If the line between Hall sensor output and Hall sensor input of IC is long, the noise may occur in this line.
But it can be eliminated by adding a capacitor C3.
Note 6: Each of R2, R3, R4 and R5 (AM4951/R only) is recommended to be 51k
Ω typical. R1 is recommended
to be 2k and must be added when VCC is larger than 20V.
Note 7: The package of AH920 is SOT-23-3. If it is packaged in TO-92S-3,please exchange IN- with IN+.
Figure 9. Typical Application of AM4951/R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com