Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8806QMP-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8806QMP-13
Description  HIGH EFFICIENCY 30V 1.6A AUTOMOTIVE GRADE BUCK LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806QMP-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8806QMP-13 Datasheet HTML 1Page - Diodes Incorporated AL8806QMP-13 Datasheet HTML 2Page - Diodes Incorporated AL8806QMP-13 Datasheet HTML 3Page - Diodes Incorporated AL8806QMP-13 Datasheet HTML 4Page - Diodes Incorporated AL8806QMP-13 Datasheet HTML 5Page - Diodes Incorporated AL8806QMP-13 Datasheet HTML 6Page - Diodes Incorporated AL8806QMP-13 Datasheet HTML 7Page - Diodes Incorporated AL8806QMP-13 Datasheet HTML 8Page - Diodes Incorporated AL8806QMP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AL8806Q
Document number: DS36905 Rev. 1 - 2
2 of 13
www.diodes.com
April 2014
© Diodes Incorporated
AL8806Q
Pin Descriptions
Pin Name
Pin Number
Functions
SET
1
Set Nominal Output Current Pin. Configure the output current of the device.
GND
2, 3
GND Pin
CTRL
4
Dimming and On/Off Control Input.
• Leave floating for normal operation.
(VCTRL = VREF = 2.5V giving nominal average output current IOUTnom = 0.1/RS)
• Drive to voltage below 0.4V to turn off output current
• Drive with DC voltage (0.5V < VCTRL < 2.5V) to adjust output current from 20% to 100% of IOUTnom
•
A PWM signal (low level ≤ 0.4V and high level > 2.6; transition times less than 1us) allows the output
current to be adjusted below the level set by the resistor connected to SET input pin.
SW
5, 6
Switch Pin. Connect inductor/freewheeling diode here, minimizing track length at this pin to reduce EMI.
N/C
7
No Connection
VIN
8
Input Supply Pin. Must be locally decoupled to GND with > 2.2µF X7R ceramic capacitor – see applications
section for more information.
EP
EP
Exposed pad:
Connect to GND and thermal mass for enhanced thermal impedance. It should not be used as electrical
ground conduction path.
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2.5
kV
ESD MM
Machine Model ESD Protection
200
V
ESD CDM
Charged Device Model ESD Protection
—
V
VIN
Continuous VIN pin voltage relative to GND
-0.3 to +36
V
Transient VIN pin voltage relative to GND
-0.3 to +40
VSW
SW voltage relative to GND
-0.3 to +36
V
VCTRL
CTRL pin input voltage
-0.3 to +6
V
ISW-RMS
DC or RMS Switch current
1.65
A
ISW-PK
Peak Switch current (<10%)
3
A
TJ
Junction Temperature
150
°C
TLEAD
Lead Temperature Soldering
300
°C
TST
Storage Temperature Range
-65 to +150
°C
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com