Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH921 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH921
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH921 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH921 Datasheet HTML 1Page - Diodes Incorporated AH921 Datasheet HTML 2Page - Diodes Incorporated AH921 Datasheet HTML 3Page - Diodes Incorporated AH921 Datasheet HTML 4Page - Diodes Incorporated AH921 Datasheet HTML 5Page - Diodes Incorporated AH921 Datasheet HTML 6Page - Diodes Incorporated AH921 Datasheet HTML 7Page - Diodes Incorporated AH921 Datasheet HTML 8Page - Diodes Incorporated AH921 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jul. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VCC =12V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
Operating
3.5
12
24
V
VCC=12V, B<BRP
3.0
5.0
mA
Supply Current
ICC
VCC=12V, B>BOP
3.0
5.0
mA
Saturation Voltage
VSAT
IOUT=20mA, B>BOP
185
500
mV
Output Leakage Current
ILEAKAGE
VCC=VOUT=24V, B<BRP
0.1
10
μA
Output Rising Time
tRISING
CL=20pF
0.4
2
μs
Output Falling Time
tFALLING
CL=20pF
0.4
2
μs
Magnetic Characteristics
VCC =12V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Unit
Operating Point
BOP
5
22
40
Gauss
Releasing Point
BRP
-40
-22
-5
Gauss
Hysteresis
BHYS
45
Gauss
Figure 4. Magnetic Flux Density of AH921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com