Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF15N50 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AF15N50
Description  50V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AF15N50 Datasheet(HTML) 3 Page - Diodes Incorporated

  AF15N50 Datasheet HTML 1Page - Diodes Incorporated AF15N50 Datasheet HTML 2Page - Diodes Incorporated AF15N50 Datasheet HTML 3Page - Diodes Incorporated AF15N50 Datasheet HTML 4Page - Diodes Incorporated AF15N50 Datasheet HTML 5Page - Diodes Incorporated AF15N50 Datasheet HTML 6Page - Diodes Incorporated AF15N50 Datasheet HTML 7Page - Diodes Incorporated AF15N50 Datasheet HTML 8Page - Diodes Incorporated AF15N50 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
50V N-Channel MOSFET
AF15N50
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
3
Ordering Information
AF15N50
-
Circuit Type
G1: Green
Package
DNP: PDFN-5×6-8
TR: Tape & Reel
Package
Part Number
Marking ID
Packing Type
PDFN-5×6-8
AF15N50DNPTR-G1
15N50DNP-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
Absolute Maximum Ratings (Note 1)
TC=25°C, unless otherwise specified.
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Drain to Source Voltage
VDS
50
V
Continuous Drain Current
ID
TC=25ºC
15
A
TC=100ºC
15
Pulsed Drain Current
IDM
60
A
Gate to Source Voltage
VGS
±12
V
Power Dissipation
PD
31
W
Operating Temperature Range
TOP
-55 to 150
ºC
Storage Temperature Range
TSTG
-55 to 150
ºC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com