Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC04A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC04A
Description  HEX BUFFERS WITH OPEN DRAIN OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC04A Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC04A Datasheet HTML 1Page - Diodes Incorporated 74LVC04A Datasheet HTML 2Page - Diodes Incorporated 74LVC04A Datasheet HTML 3Page - Diodes Incorporated 74LVC04A Datasheet HTML 4Page - Diodes Incorporated 74LVC04A Datasheet HTML 5Page - Diodes Incorporated 74LVC04A Datasheet HTML 6Page - Diodes Incorporated 74LVC04A Datasheet HTML 7Page - Diodes Incorporated 74LVC04A Datasheet HTML 8Page - Diodes Incorporated 74LVC04A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVC04A
Document number: DS35258 Rev. 3 - 2
1 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC04A
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Description
The 74LVC04A provides six independent inverter buffers.
The
device is designed for operation with a power supply range of 1.65V
to 5.5V. The inputs are tolerant to 5.5V allowing this device to be
used in a mixed voltage environment. The device is fully specified for
partial power down applications using IOFF.
The IOFF circuitry
disables the output preventing damaging current backflow when the
device is powered down.
The gates perform the positive Boolean function:
A
Y
=
Features
•
Wide Supply Voltage Range from 1.65V to 5.5V
•
Sinks or sources 24mA at VCC = 3.3V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs or outputs accept up to 5.5V
•
Inputs can be driven by 3.3 V or 5.5V allowing for voltage
translation applications.
•
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
•
Latch-Up Exceeds 250mA per JESD 78, Class II
•
Range of Package Options SO-14 and TSSOP-14
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
 
 
Pin Assignments
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as:
PCs, networking, notebooks, ultrabooks, netbooks
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC04A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
74LVC04A STMICROELECTRONICS-74LVC04A Datasheet
241Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
26-Jul-2004
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
120Kb / 15P
Hex inverter
Rev. 9-17 November 2011
logo
ON Semiconductor
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC04A NEXPERIA-74LVC04A Datasheet
233Kb / 12P
Hex inverter
Rev. 11 - 17 September 2021
More results

Similar Description - 74LVC04A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 1
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
Hex Buffers / Drivers with Open Drain Outputs
logo
Unisonic Technologies
U74LVC07A UTC-U74LVC07A_15 Datasheet
204Kb / 5P
HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com