Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1663-L Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SK1663-L
Description  N-channel MOS-FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK1663-L Datasheet(HTML) 1 Page - Fuji Electric

  2SK1663-L Datasheet HTML 1Page - Fuji Electric 2SK1663-L Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SK1663-L,S
N-channel MOS-FET
F-I Series
800V
4Ω
3A
80W
> Features
> Outline Drawing
-
High Speed Switching
-
Low On-Resistance
-
No Secondary Breakdown
-
Low Driving Power
-
High Voltage
> Applications
-
Switching Regulators
-
UPS
-
DC-DC Converters
-
General Purpose Power Amplifier
> Maximum Ratings and Characteristics
> Equivalent Circuit
-
Absolute Maximum Ratings (TC=25°C), unless otherwise specified
Item
Symbol
Rating
Unit
Drain-Source-Voltage
V DS
800
V
Continous Drain Current
I D
3
A
Pulsed Drain Current
I D(puls)
12
A
Continous Reverse Drain Current
I DR
3
A
Gate-Source-Voltage
V GS
±20
V
Max. Power Dissipation
P D
80
W
Operating and Storage Temperature Range
T ch
150
°C
T stg
-55 ~ +150
°C
-
Electrical Characteristics (TC=25°C), unless otherwise specified
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown-Voltage
V (BR)DSS
ID=1mA
VGS=0V
800
V
Gate Threshhold Voltage
V GS(th)
ID=10mA
VDS=VGS
2,1
3,0
4,0
V
Zero Gate Voltage Drain Current
I DSS
VDS=800V
Tch=25°C
0,01
0,5
mA
VGS=0V
Tch=125°C
0,2
1,0
mA
Gate Source Leakage Current
I GSS
VGS=±20V
VDS=0V
10
100
nA
Drain Source On-State Resistance
R DS(on)
ID=1,5A
VGS=10V
3
4
Ω
Forward Transconductance
g fs
ID=1,5A
VDS=25V
2
4
S
Input Capacitance
C iss
VDS=25V
900
1400
pF
Output Capacitance
C oss
VGS=0V
90
140
pF
Reverse Transfer Capacitance
C rss
f=1MHz
35
60
pF
Turn-On-Time ton (ton=td(on)+tr)
t d(on)
VCC=30V
20
30
ns
t r
ID=2,1A
40
60
ns
Turn-Off-Time toff (ton=td(off)+tf)
t d(off)
VGS=10V
150
250
ns
t f
RGS=50
Ω
60
90
ns
Diode Forward On-Voltage
V SD
IF=2xIDR VGS=0V Tch=25°C
1
1,35
V
Reverse Recovery Time
t rr
IF=IDR VGS=0V
400
ns
-dIF/dt=100A/µs Tch=25°C
-
Thermal Characteristics
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
R th(ch-a)
channel to air
125
°C/W
R th(ch-c)
channel to case
1,56
°C/W
FUJI ELECTRIC GmbH; Lyoner Straße 26; D-60528 Frankfurt; Tel: 069-66 90 29-0; Fax: 069-66 90 29-56


Similar Part No. - 2SK1663-L

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1663 FUJI-2SK1663 Datasheet
167Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
2SK1663L FUJI-2SK1663L Datasheet
167Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
logo
Inchange Semiconductor ...
2SK1663L ISC-2SK1663L Datasheet
285Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK1663S FUJI-2SK1663S Datasheet
167Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
logo
Inchange Semiconductor ...
2SK1663S ISC-2SK1663S Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1663-L

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1085-M FUJI-2SK1085-M Datasheet
179Kb / 2P
N-channel MOS-FET
2SK1278 FUJI-2SK1278 Datasheet
189Kb / 2P
N-channel MOS-FET
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
N-channel MOS-FET
logo
Sanken electric
FKP202 SANKEN-FKP202 Datasheet
306Kb / 9P
N-Channel MOS FET
SKP202 SANKEN-SKP202 Datasheet
294Kb / 9P
N-Channel MOS FET
FKP250A SANKEN-FKP250A Datasheet
314Kb / 9P
N-Channel MOS FET
FKP280A SANKEN-FKP280A Datasheet
377Kb / 9P
N-Channel MOS FET
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com