Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0416 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PX0416
Description  SMB Buccaneer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0416 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PX0416 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0416 Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0416 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0416 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.elektron-bulgin.com
67
BUCCANEER FOR DATA
Sealed to IP68 when mated
50
Ω Impedance SMB connector
Frequency range 0-4GHz
Contact resistance
centre - 6m
Ω max.
outer - 2.5m
Ω max.
Gold plated contacts
Diameter over coupling ring 19mm
Body moulding, Nylon UL94-V0 rated
Two versions of Flex Connector
re-wireable
pre-wired - lengths 1m, 3m & 5m
Panel connector
pre-wired - lengths 0.5m,1m & 1.5m
Cable accommodation (flex re-wireable), RG-174
Cable type (pre-wired connectors), RG-174
SMB Buccaneer®
Gland
O Ring
Locking Ring
Nut
Chassis body
Gland Nut
O Ring
Spacer
Flex Body
SMB Jack
Spacer
SMB Plug Carrier
IP68
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 67


Similar Part No. - PX0416

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0416/1M00 BULGIN-PX0416/1M00 Datasheet
209Kb / 3P
SMB Buccaneer짰
logo
Bulgin Limited. All rig...
PX0416/1M00 BULGINLIMITED-PX0416/1M00 Datasheet
556Kb / 10P
400 Series - SMB Buccaneer
logo
Elektron Components Ltd...
PX0416/3M00 BULGIN-PX0416/3M00 Datasheet
209Kb / 3P
SMB Buccaneer짰
logo
Bulgin Limited. All rig...
PX0416/3M00 BULGINLIMITED-PX0416/3M00 Datasheet
556Kb / 10P
400 Series - SMB Buccaneer
logo
Elektron Components Ltd...
PX0416/5M00 BULGIN-PX0416/5M00 Datasheet
209Kb / 3P
SMB Buccaneer짰
More results

Similar Description - PX0416

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
Buccaneer Antenna
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
Pasternack Enterprises,...
PE9118 PASTERNACK-PE9118 Datasheet
76Kb / 1P
SMB PLUG TO SMB PLUG
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
BUCCANEER FOR POWER
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
logo
SHENZHEN YONGERJIA INDU...
US1A WINNERJOIN-US1A Datasheet
307Kb / 2P
SMB
logo
List of Unclassifed Man...
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
4000 Series Buccaneer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com