Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4-TL Datasheet(PDF) 9 Page - PANDUIT CORP.

Part # P4-TL
Description  P-CONN TM SCREW-ON WIRE CONNECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P4-TL Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button P4-TL Datasheet HTML 4Page - PANDUIT CORP. P4-TL Datasheet HTML 5Page - PANDUIT CORP. P4-TL Datasheet HTML 6Page - PANDUIT CORP. P4-TL Datasheet HTML 7Page - PANDUIT CORP. P4-TL Datasheet HTML 8Page - PANDUIT CORP. P4-TL Datasheet HTML 9Page - PANDUIT CORP. P4-TL Datasheet HTML 10Page - PANDUIT CORP. P4-TL Datasheet HTML 11Page - PANDUIT CORP. P4-TL Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
CMA*
1280
2 #22
3 #22
2 #16
3 #16
4 #16
WIRE COMBINATIONS
3 #14
3 #12
4 #14
5 #12
1920
5160
7740
10320
12330
16440
19590
32650
Insulation
Panduit
Wire Range
CMA Range
Pkg. Qty./
Color
Part Number
Min.
Max.
Min.
Max.
Type
P72-C
100 Box
Blue
P72-D
(2) #22 AWG
(3) #16 AWG
1,280
7,740
500 Bag
P72-10M
10,000 Keg
P73-C
100 Box
Orange
P73-D
(3) #20 AWG
(4) #16 AWG
3,060
10,320
500 Bag
P73-10M
10,000 Keg
P74-C
100 Box
Yellow
P74-D
(2) #18 AWG
(3) #12 AWG
3,240
19,590
500 Bag
P74-10M
10,000 Keg
P76-C
100 Box
Red
P76-TL
(4) #18 AWG
(4) #12 AWG
6,480
26,120
250 Bag
P76-5M
5,000 Keg
P72
P72HT
P73
P73HT
P74
P74HT
P76
P76HT
®
P72HT-D
(2) #22 AWG
(3) #16 AWG
1,280
7,740
500 Bag
P72HT-10M
10,000 Keg
P73HT-D
(3) #20 AWG
(4) #16 AWG
3,060
10,320
500 Bag
P73HT-10M
10,000 Keg
Black
P74HT-D
(2) #18 AWG
(3) #12 AWG
3,240
19,590
500 Bag
P74HT-10M
10,000 Keg
P76HT-TL
(4) #18 AWG
(4) #12 AWG
6,480
26,120
250 Bag
P76HT-5M
5,000 Keg
Black
* CMA = Circular Mil Area (See Wire Combination Table, page 11)
LISTED
587H
CERTIFIED
P-CONN
TM
PYTHON
TM
SCREW-ON WIRE CONNECTORS
PYTHON TM Nut Style
PYTHONTM Capacity Chart
High Temperature 150° C (302° F)
Temperature 105° C (221° F)
These high-quality wire connectors provide
an expanded wire range capability and
are fully UL and CSA Approved.
They are designed for optimum
performance in a variety of
applications including
manufacturing, maintenance
and new construction.
For High Temp. applications, such as high intensity discharge lighting (HID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com