Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2005NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA2005NLT
Description  Higher Volt- sec capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2005NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA2005NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA2005NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA2005NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P663.G (04/14)
2
pulseelectronics.com
SMT Gate Drive Transformers
PA200xNL Basic and Operational Insulation
PA2004NL
PA2002NL, PA2007NL, PA2008NL, PA2009NL
Mechanicals
Schematics
PA2004NL
Date Code
Country of Origin
.140
3,56
.140
3,56
.265
6,73
.200
5,08
.100
2,54
.220
5,59
.320
8,13
.070
1,78
MAX
MAX
.340
8,64 MAX
4X
6
5
4
1
2
3
.005/0,13
4 SURFACES
1
6
2
5
3
4
Weight .........................0.23 grams
Tape & Reel ......................800/reel
Tube ...................................75/tube
Dimensions:
Weight .........................0.60 grams
Tape & Reel ......................400/reel
Tube ...................................50/tube
Dimensions:
Inches
mm
Inches
mm
.010
0,25
.010
0,25
Unless otherwise specified,
all tolerances are ±
Unless otherwise specified,
all tolerances are ±
PAXXXXNL
Date Code
Country of Origin
.355
9.02mm
.340
8,64
.100
2,54
.050
1,27
.300
7,62
.100
2,54
.060
1,52
.225
5,71
MAX
MAX
.300
7,62 MAX
8
765
12
34
14
85
.005/0,13
6 SURFACES
1
8
1
8
4
5
4
5
3
6
PA2002NL / PA2008NL / PA2009NL
PA2007NL
SUGGESTED PAD LAYOUT
SUGGESTED PAD LAYOUT
(CONTINUED)
0.07
1,78
.355
9,27
.200
5,08
.100
2,54
.240
6,1
1
3
6
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com