Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB480A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P6SMB480A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6SMB480A Datasheet(HTML) 1 Page - Vishay Siliconix

  P6SMB480A Datasheet HTML 1Page - Vishay Siliconix P6SMB480A Datasheet HTML 2Page - Vishay Siliconix P6SMB480A Datasheet HTML 3Page - Vishay Siliconix P6SMB480A Datasheet HTML 4Page - Vishay Siliconix P6SMB480A Datasheet HTML 5Page - Vishay Siliconix P6SMB480A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P6SMB Series
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
1
Document Number: 88370
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount TRANSZORB® Transient Voltage Suppressors
DEVICES FOR BI-DIRECTION APPLICATIONS
For bi-directional devices use CA suffix (e.g. P6SMB10CA).
Electrical characteristics apply in both directions.
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 600 W peak pulse power capability with a
10/1000
μs
waveform,
repetitive
rate
(duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, and telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant and commercial grade
Base P/NHE3 - RoHS compliant and AEC-Q101 qualified
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: For uni-directional types the band denotes
cathode end, no marking on bi-directional types
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2.
(2) Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal
PRIMARY CHARACTERISTICS
VWM
5.8 V to 459 V
VBR (uni-directional)
6.8 V to 540 V
VBR (bi-directional)
6.8 V to 220 V
PPPM
600 W
PD
5.0 W
IFSM (uni-directional only)
100 A
TJ max.
150 °C
Polarity
Uni-directional, bi-directional
Package
DO-214AA (SMB)
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 μs waveform (1)(2) (fig. 1)
PPPM
600
W
Peak pulse current with a 10/1000 μs waveform (1)
IPPM
See next table
A
Power dissipation on infinite heatsink at TA = 50 °C
PD
5.0
W
Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2)
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 150
°C


Similar Part No. - P6SMB480A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6SMB480A WEITRON-P6SMB480A Datasheet
97Kb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Diotec Semiconductor
P6SMB480A DIOTEC-P6SMB480A Datasheet
135Kb / 3P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB480A DIOTEC-P6SMB480A Datasheet
78Kb / 2P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
P6SMB480A VISHAY-P6SMB480A Datasheet
112Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
logo
MDE Semiconductor, Inc.
P6SMB480A MDE-P6SMB480A Datasheet
161Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMB480A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
23-Apr-10
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
11-Dec-12
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
14-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
21-Sep-12
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
10-Dec-13
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-12
SMBJ15-E3 VISHAY-SMBJ15-E3 Datasheet
112Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
04-Sep-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com