Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC12310NIP0F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC12310NIP0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC12310NIP0F Datasheet(HTML) 5 Page - Sharp Corporation

  PC12310NIP0F Datasheet HTML 1Page - Sharp Corporation PC12310NIP0F Datasheet HTML 2Page - Sharp Corporation PC12310NIP0F Datasheet HTML 3Page - Sharp Corporation PC12310NIP0F Datasheet HTML 4Page - Sharp Corporation PC12310NIP0F Datasheet HTML 5Page - Sharp Corporation PC12310NIP0F Datasheet HTML 6Page - Sharp Corporation PC12310NIP0F Datasheet HTML 7Page - Sharp Corporation PC12310NIP0F Datasheet HTML 8Page - Sharp Corporation PC12310NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Sheet No.: D2-A02903
FEN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Reverse current
Terminal capacitance
Collector dark current
Collector-emitter breakdown voltage
Transfer
charac-
teristics
Emitter-collector breakdown voltage
Collector current
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
MIN.
−
−
−
6
70
0.25
−
−
5
×10
10
−
−
−
TYP.
1.2
−
30
−
−
−
−
1
×10
11
0.6
4
3
MAX.
1.4
10
250
−
−
2.0
0.2
−
1.0
18
18
Unit
V
µA
pF
nA
−
100
V
V
mA
V
Ω
pF
µs
µs
10
−−
kV/
µs
Symbol
VF
IR
Ct
ICEO
BVCEO
BVECO
IC
VCE (sat)
Cf
tr
tf
RISO
CMR
Response time
Common mode
rejection voltage
Rise time
Fall time
Input
Output
IF
=10mA
VR
=4V
V
=0, f=1kHz
VCE
=50V, IF=0
IC
=0.1mA, IF=0
IE
=10µA, IF=0
IF
=0.5mA, VCE=5V
IF
=10mA, IC=1mA
V
=0, f=1MHz
VCE
=2V, IC=2mA, RL=100Ω
VCM
=1.5kV(peak), IF=0
RL
=470Ω, VCC=9V, Vnp=100mV
DC500V, 40 to 60%RH
(Ta
=25˚C)
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
mA
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f=60Hz
*3 For 10s
Rating
10
200
15
Reverse voltage
V
VR
6
70
6
50
150
170
−30 to +100
−55 to +125
260
5.0
kV
5
PC1231xNSZ0F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com