Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC12311NIP0F Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC12311NIP0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC12311NIP0F Datasheet(HTML) 3 Page - Sharp Corporation

  PC12311NIP0F Datasheet HTML 1Page - Sharp Corporation PC12311NIP0F Datasheet HTML 2Page - Sharp Corporation PC12311NIP0F Datasheet HTML 3Page - Sharp Corporation PC12311NIP0F Datasheet HTML 4Page - Sharp Corporation PC12311NIP0F Datasheet HTML 5Page - Sharp Corporation PC12311NIP0F Datasheet HTML 6Page - Sharp Corporation PC12311NIP0F Datasheet HTML 7Page - Sharp Corporation PC12311NIP0F Datasheet HTML 8Page - Sharp Corporation PC12311NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Sheet No.: D2-A02903
FEN
(Unit : mm)
5. SMT Gullwing Lead-Form [ex. PC1231xNIP0F]
6. SMT Gullwing Lead-Form (VDE option)
[ex. PC1231xYIP0F]
7. Wide SMT Gullwing Lead-Form [ex. PC1231xNUP0F]
8. Wide SMT Gullwing Lead-Form (VDE option)
[ex. PC1231xYUP0F]
6.5
±0.3
7.62
±0.3
4.58
±0.3
2.54
±0.25
Epoxy resin
4
3
Anode mark
Rank mark
Factory identification mark
Date code
1.0
+0.4
−0
1.0
+0.4
−0
10.0
+0
−0.5
1
2
1231
6.5
±0.3
7.62
±0.3
4.58
±0.3
2.54
±0.25
Epoxy resin
4
3
Anode mark
Rank mark
Factory identification mark
Date code
1.0
+0.4
−0
1.0
+0.4
−0
10.0
+0
−0.5
1
2
4
SHARP mark "S"
VDE
Indenfication mark
1231
1231
6.5
±0.3
10.16
±0.5
0.75
±0.25
0.75
±0.25
Anode mark
Rank mark
Factory identification mark
Date code
4
3
7.62
±0.3
12.0
MAX
4.58
±0.3
Epoxy resin
0.5
±0.1
1
2
6.5
±0.3
10.16
±0.5
0.75
±0.25
0.75
±0.25
Anode mark
Rank mark
Factory identification mark
Date code
4
3
7.62
±0.3
12.0
MAX
4.58
±0.3
Epoxy resin
0.5
±0.1
1
2
4
SHARP mark "S"
VDE
Indenfication mark
1231
PC1231xNSZ0F Series
Product mass : approx. 0.22g
Product mass : approx. 0.22g
Product mass : approx. 0.22g
Product mass : approx. 0.22g
Plating material : SnCu (Cu : TYP. 2%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com