Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMF87EN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMF87EN
Description  30 V, single N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMF87EN Datasheet(HTML) 1 Page - NXP Semiconductors

  PMF87EN Datasheet HTML 1Page - NXP Semiconductors PMF87EN Datasheet HTML 2Page - NXP Semiconductors PMF87EN Datasheet HTML 3Page - NXP Semiconductors PMF87EN Datasheet HTML 4Page - NXP Semiconductors PMF87EN Datasheet HTML 5Page - NXP Semiconductors PMF87EN Datasheet HTML 6Page - NXP Semiconductors PMF87EN Datasheet HTML 7Page - NXP Semiconductors PMF87EN Datasheet HTML 8Page - NXP Semiconductors PMF87EN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PMF87EN
30 V, single N-channel Trench MOSFET
1 August 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a SOT323 (SC-70) small
Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
1.2 Features and benefits
• Logic-level compatible
• Very fast switching
• Trench MOSFET technology
1.3 Applications
• Relay driver
• High-speed line driver
• Low-side loadswitch
• Switching circuits
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
30
V
VGS
gate-source voltage
Tj = 25 °C
-20
-
20
V
ID
drain current
VGS = 10 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-
1.9
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 1.7 A; Tj = 25 °C
-
67
80
mΩ
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
drain 6 cm2.


Similar Part No. - PMF87EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMF87EN NEXPERIA-PMF87EN Datasheet
320Kb / 15P
30 V, single N-channel Trench MOSFET
1 August 2012
More results

Similar Description - PMF87EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN22XN NXP-PMN22XN Datasheet
856Kb / 14P
30 V, single N-channel Trench MOSFET
Rev. 1-19 January 2012
NX3008NBKMB PHILIPS-NX3008NBKMB_15 Datasheet
1Mb / 15P
30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
logo
ZP Semiconductor
PMV90EN ZPSEMI-PMV90EN Datasheet
472Kb / 3P
30 V, single N-channel Trench MOSFET
PMV185XN ZPSEMI-PMV185XN Datasheet
375Kb / 4P
30 V, single N-channel Trench MOSFET
logo
Nexperia B.V. All right...
NX3020NAK NEXPERIA-NX3020NAK Datasheet
719Kb / 15P
30 V, single N-channel Trench MOSFET
PMPB33XN NEXPERIA-PMPB33XN Datasheet
736Kb / 14P
30 V single N-channel Trench MOSFET
PMV90EN NEXPERIA-PMV90EN Datasheet
1Mb / 16P
30 V, single N-channel Trench MOSFET
PMZB380XN NEXPERIA-PMZB380XN Datasheet
327Kb / 14P
30 V, single N-channel Trench MOSFET
logo
First Silicon Co., Ltd
FTK235NSOT883 FS-FTK235NSOT883 Datasheet
600Kb / 5P
30 V, single N-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMF87EN NEXPERIA-PMF87EN Datasheet
320Kb / 15P
30 V, single N-channel Trench MOSFET
1 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com