Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ1K213M2ZP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ1K213M2ZP
Description  Low Power-Loss Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1K213M2ZP Datasheet(HTML) 1 Page - Sharp Corporation

  PQ1K213M2ZP Datasheet HTML 1Page - Sharp Corporation PQ1K213M2ZP Datasheet HTML 2Page - Sharp Corporation PQ1K213M2ZP Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(Notice)
•In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment
using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before
using any SHARP device.
•Specifications are subject to change without notice for improvement.
(Internet)
•Data for Sharp's optoelectronic/power devices is provided on internet. (Address http://www.sharp.co.jp/ecg/)
D5-000501-A
Outline Dimensions
Under development
New product
Low Power-Loss Voltage Regulator
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
(1) Compact surface mount package(3.4
× 2.2 × 1.2 mm)
(2) Output current : 300mA
(3) Low power-loss
(Dropout voltage: MAX. 0.7 V at Io=300 mA)
(4) High ripple rejection(TYP.70 dB)
(5) Built-in ON/OFF control function
(6) Built-in overcurrent, overheat protection
(1) CD-ROM drives
(2) DVD-ROM drives
(3) Digital Still Cameras
(Unit: mm)
( ): Typical values
Internal connection
ON/OFF control terminal(Vc)
GND
DC output(Vo)
DC input(Vin)
1
4
6
2
5
3
(Ta=25
°C)
*1 All are open except GND
and applicable terminals.
*2 At surface-mounted condition
*3 Overheat protection may operate
at 125
≤Tj≤150°C.
2.2
±0.2
3.3
±0.3
3.8 MAX
(3.4)
0.32
±0.1×6
(0.95)
(0.95)
6
5
4
1
2
3
Noise control terminal(Nr)
Control
circuit
1
2
6
5
3
4
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*3
Vin
Vc
Io
Pd
Tj
Topr
Tstg
Tsol
9
9
300
400
150
-30 to +80
-55 to +150
260(For 10s)
V
V
mA
mW
°C
°C
°C
°C
As of August 2000
1/2
PQ1Kxx3M2ZP Series
Features
Applications
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit


Similar Part No. - PQ1K213M2ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1K213M2ZP SHARP-PQ1K213M2ZP Datasheet
57Kb / 5P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ1K213M2ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21 Datasheet
21Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW11 SHARP-PQ15RW11 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ1R30 SHARP-PQ1R30 Datasheet
18Kb / 2P
Low Power-Loss Voltage Regulator
PQ1S30 SHARP-PQ1S30 Datasheet
23Kb / 3P
Low Power-Loss Voltage Regulator
PQ07VR5MAZ SHARP-PQ07VR5MAZ Datasheet
50Kb / 3P
Low Power-loss Voltage Regulator
PQ033ES1MXP SHARP-PQ033ES1MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
PQ035ES1MXP SHARP-PQ035ES1MXP Datasheet
37Kb / 3P
Low Power-Loss Voltage Regulator
PQ5RS1A SHARP-PQ5RS1A Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com