Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ15RW21 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ15RW21
Description  Low Power-Loss Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RW21 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ15RW21 Datasheet HTML 1Page - Sharp Corporation PQ15RW21 Datasheet HTML 2Page - Sharp Corporation PQ15RW21 Datasheet HTML 3Page - Sharp Corporation PQ15RW21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Power-Loss Voltage Regulators
PQ15RW08/PQ15RW11/PQ15RW21
s Features
q
Low power-loss
(Dropout voltage: MAX. 0.5V at Io=0.5A [PQ15RW08/11],
Io=2A [PQ15RW21])
q
Compact resin mold package(equivalent to TO-220)
q
Variable output voltage(3.0 to 15V)
q
Low voltage operation (Minimum supply voltage: 3.5V)
q
Reference voltage precision: ±2.5%
q
Built-in overcurrent, overheat protection functions,
ASO protection circuit
q
Lead forming type is also available.
s Applications
q
Power supplies for various electronic equipment such as
AV, OA eguipment
s Outline Dimensions
(Unit : mm)
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
• Please refer to the chapter " Handling Precautions ".
PQ15RW08/PQ15RW11/PQ15RW21
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
(Ta=25˚C)
Input voltage
Output adjustment terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
❇1
❇1
❇2
❇3
VIN
VADJ
Io
PD1
PD2
Tj
Topr
Tstg
Tsol
0.8
1.25
10
20
5
150
-20 to +80
-40 to +150
260(For 10s)
1.0
1.4
15
2.0
PQ15RW08
PQ15RW11
PQ15RW21
V
V
A
W
W
˚C
˚C
˚C
˚C
❇1 All are open except GND and applicable terminals.
❇2 PD1: No heat sink, PD2: With infinite heat sink
❇3 Overheat protection may operate at 125<=Tj<=150˚C
Specific IC
Output voltage adjustment terminal (VADJ)
DC input(VIN)
DC output(Vo)
GND
PQ15RW08
Epoxy resin
10.2MAX
2.8
±0.2
4.5
±0.2
3–(2.54)
3.2
±0.1
4–(
φ1.4)
4–1.4
± 0.3
0
4–0.6
± 0.2
0.1
φ
(1.5)
(0.5)
( ) : Typical dimensions
1
2
3
4
1
2
3
4
Internal connection diagram
1
3
2
4
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - PQ15RW21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW21 SHARP-PQ15RW21 Datasheet
72Kb / 4P
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ15RW21

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
Low Power Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
Low Power-Loss Voltage Regulators
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com