Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NATK Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NATK
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATK Datasheet(HTML) 1 Page - NIC-Components Corp.

  NATK Datasheet HTML 1Page - NIC-Components Corp. NATK Datasheet HTML 2Page - NIC-Components Corp. NATK Datasheet HTML 3Page - NIC-Components Corp. NATK Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NATK Series
FEATURES
• EXTENDED TEMPERATURE +125OC & LONG LIFE (T0 5,000 HOURS)
• AVAILABLE WITH ANTI-VIBRATION WIDE TERMINATIONS
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW ..SOLDERING
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
16 ~ 35VDC
Rated Capacitance Range
47 ~ 3900
μF
Operating Temp. Range
-40 ~ +125°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current After 2 Minutes @ 20°C 0.01CV or 3
μA whichever is greater
Tan
δ @ 120Hz/20°C
W.V. (Vdc)
16
25
35
S.V. (Vdc)
20
32
44
Tan
δ @ 120Hz/20°C
See specifications table (page 2)
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
16
25
35
Z -25°C/Z +20°C
222
Z -40°C/Z +20°C
433
Load Life Test at W.V. @ 125°C
8 ~ 10mm Diameter: 2,000 Hours
12.5mm Diameter: 3,000 Hours
16mm Diameter: 5,000 Hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than 300% of specified max. value
Leakage Current
Less than specified max. value
STANDARD PRODUCT AND CASE SIZE D
φ xL (mm)
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Case Size
D
φ ±0.5
L max.*
A, B ±0.2
I ±0.3
P ±0.3
W
6.3 x 8
6.3
8.0
6.6
2.5
2.2
0.5 ~ 0.8
8 x 10.8
8.0
10.8
8.3
2.9
3.2
0.7 ~ 1.0
10 x 10.8
10.0
10.8
10.3
3.2
4.6
1.0 ~ 1.4
12.5 x 14
12.5
14.0
12.8
4.5
4.6
1.0 ~ 1.4
16 x 17
16.0
17.0
16.3
5.2
7.0
1.8 ~ 2.1
18X17.5
18.0
17.5
19.0
6.5
7.0
1.7 ~ 2.1
18X22
18.0
*21.5 +0.5/
-1.0
19.0
6.5
7.0
1.7 ~ 2.1
DIMENSIONS (mm)
Cap.(
μF)
Code
Working Voltage (Vdc)
16
25
35
47
470
-
-
6.3X8
100
101
6.3X8
6.3X8
8X10.8
160
161
-
-
8X10.8
220
221
-
8X10.8
10X10.8
270
271
-
8X10.8
-
300
301
-
-
10X10.8
330
331
8X10.8
10X10.8
12.5X14
390
391
8X10.8
-
-
470
471
-
10X10.8
-
620
621
-
-
12.5X14
680
681
10X10.8
12.5X14
16X17
910
911
-
12.5X14
-
1000
102
12.5X14
16X17
16X17
1500
152
12.5X14
16X17
18X17.5
2200
222
16X17
18X17.5
18X22
3300
332
18X17.5
18X22
-
3900
392
18X22
-
-
Reflow Code
J = +240°C
K = +245°C
L = +250°C
N = +260°C
Termination / Packaging Code
B = Sn-Bi / 13" reel
S = Sn / 13" reel
LB = Sn-Bi / 15" reel
LS = Sn / 15" reel
Note: 16mm & 18mm diameter
parts are only available with Sn
finish


Similar Part No. - NATK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NATK101M16V63X8NBYF NIC-NATK101M16V63X8NBYF Datasheet
163Kb / 4P
Surface Mount Aluminum Electrolytic Capacitors
NATK101M25V63X8NBYF NIC-NATK101M25V63X8NBYF Datasheet
163Kb / 4P
Surface Mount Aluminum Electrolytic Capacitors
NATK101M35V8X108NBYF NIC-NATK101M35V8X108NBYF Datasheet
163Kb / 4P
Surface Mount Aluminum Electrolytic Capacitors
NATK102M16V125X14KLBYF NIC-NATK102M16V125X14KLBYF Datasheet
163Kb / 4P
Surface Mount Aluminum Electrolytic Capacitors
NATK102M25V16X17JLSYF NIC-NATK102M25V16X17JLSYF Datasheet
163Kb / 4P
Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NATK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com