Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAWS Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NAWS
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWS Datasheet(HTML) 3 Page - NIC-Components Corp.

  NAWS Datasheet HTML 1Page - NIC-Components Corp. NAWS Datasheet HTML 2Page - NIC-Components Corp. NAWS Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NAWS Series
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
CARRIER TAPE
Case Size
A ±0.2 B ±0.2 C ±0.3 D ±0.1 P ±0.1 T ±0.2
5X4
5.7
5.7
12.0
5.5
12.0
4.5
6.3X4
7.0
7.0
16.0
7.5
12.0
4.5
Case Size
W ±1.0
Quantity Per Reel
13" Reel
5X4
14.0
1,000 pcs
6.3X4
18.0
1,000 pcs
TR13 330mm (13") REEL
3.0
± 0.5
21
±0.8
2.0±0.5
W
REEL
T
A
P
Feeding
+
-
1.5
∅ +0.1/-
1.75
±
1.5
φ+0.1/-0
1.75 + 0.15
0.4 + 0.2
4 + 0.1
CARRIER
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 10 empty pockets and 20cm of cover tape.
3. Connection: Maximum 3 connections (slices) per reel.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com