Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLEL Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NLEL
Description  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLEL Datasheet(HTML) 4 Page - NIC-Components Corp.

  NLEL Datasheet HTML 1Page - NIC-Components Corp. NLEL Datasheet HTML 2Page - NIC-Components Corp. NLEL Datasheet HTML 3Page - NIC-Components Corp. NLEL Datasheet HTML 4Page - NIC-Components Corp. NLEL Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
92
NIC COMPONENTS CORP.
www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Taping Dimensions (mm)
SPECIAL STRAIGHT LEAD TAPING TBST
SPECIAL RADIAL TAPING (2.5mm LEAD SPACING, FORMED LEADS) TBF1
Case Dia.
(Dφ)
4
5
6.3
8
Case Size
4x5
4x7
5x5
5x7 5x11
6.3x5
6.3x7 6.3x11
8x11.5
Dim.
dφ ±0.05
0.45 0.45
0.5
0.45
0.5
0.6
H ±0.75
17.5 17.5 18.5
17.5
18.5
20.0
F +0.8 ~ -0.2
2.0*
2.0
2.0
2.5
2.5
3.5
P ±1.0
12.7 ±0.2
P0
12.7 ±0.2
P
1
5.1
5.1
5.1
5.1
5.1
4.6
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min.
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
* Parts with 4mm diameter are taped with a slight are in the
lead and a 2.0mm lead-space.
Miniature Aluminum Electrolytic Capacitors
Taping Speci cations
Case Dia.
(Dφ)
45
Case Size 4x5
4x7
5x5
5x7 5x11
Dim.
dφ ±0.05 0.45 0.45 0.5
H ±0.75
17.5 17.5 18.5
H0 ±0.5
16.0
-
-
F
2.5 -02 ~ +0.8
P
12.7 ±1.0
P0
12.7 ±0.2
P1
5.1 ±0.5
P2
6.35 ±1.0
W
18.0 ±0.5
W0
11.5 min.
W1
9.0 ±0.5
W2
0 ~ 1.5
I
1.0 max.
D0φ
4.0 ±0.2
Δh
0 ±1.0
t
0.7 ±0.2
Taping Dimensions (mm)
1max
t
Δh
P
2
P
∅D
P
1
w
2
w
0
w
0
P
0
F
S ∅D
0
∅d
W
1
H
P
2
P
∅D
P
1
w
2
w
0
w
0
P
0
F
S ∅D
0
∅d
W
H
1max
t
Δh
H0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com