Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA255 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA255 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BMA255 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 12Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 13Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 14Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 15Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 16Page - List of Unclassifed Manufacturers BMA255 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
BMA255
Data sheet
Page 13
BST-BMA255-DS004-04 | Revision 1.1 | December 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4. Functional description
Note: Default values for registers can be found in chapter 6.
4.1 Supply voltage and power management
The BMA255 has two distinct power supply pins:
• VDD is the main power supply for the internal blocks
• VDDIO is a separate power supply pin used for supplying power for the interface
There are no limitations on the voltage levels of both pins relative to each other, as long as
each of them lies within its operating range. Furthermore, the device can be completely
switched off (VDD = 0V) while keeping the VDDIO supply on (VDDIO > 0V) or vice versa.
When the VDDIO supply is switched off, all interface pins (CSB, SDI, SCK, PS) must be kept
close to GNDIO potential.
The device contains a power-on reset (POR) generator. It resets the logic part and the register
values after powering-on VDD and VDDIO. Please note, that all application specific settings which
are not equal to the default settings (refer to 6.2 register map), must be re-set to its designated
values after POR.
There are no constraints on the switching sequence of both supply voltages. In case the I²C
interface shall be used, a direct electrical connection between VDDIO supply and the PS pin is
needed in order to ensure reliable protocol selection. For SPI interface mode the PS pin must
be directly connected to GNDIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com