Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS098C60W Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # AS098C60W
Description  High Power Stacked Infrared Laser Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

AS098C60W Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  AS098C60W Datasheet HTML 1Page - Roithner LaserTechnik GmbH AS098C60W Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20.09.2010
AS098C60W
1 of 2
AS098C60W
TECHNICAL DATA
High Power Stacked Infrared Laser Diode Array
Features
Applications
• Output Power: 60 W
• 920-980 nm Emission Wavelength
• Spectral Width: ≤4 nm
• High Reliability, High Efficiency
• CW stack arrays adopt micro-channel package
• Laser Pumping
• Medical Usage
• High power laser diode applications
Specifications (25°C)
Item
Symbol
Value
Unit
Optical Specifications
CW Output Power
PO
60
W
Output Power / Bar
PS
20
W
Array Length
L
10
mm
Center Wavelength
λC
920-980
nm
Wavelength Tolerance
± 5
nm
Spectral Width
Δλ
≤ 4
nm
Package Style
Micro Channel
Bar Length
1.6
mm
Number of Bars
3
Wavelength Temperature Coefficient
0.3
nm/°C
Beam Divergence
θ┴×θ║
40x8
deg
Electrical Specifications
Slope Efficiency
ES
≥ 0.8
W/A
Conversion Efficiency
NS
≥ 30%
Threshold Current
ITH
≤ 10
A
Operating Current
IF
≤ 30
A
Operating Voltage
UF
≤ 6
V
Absolute Maximum Ratings
Reverse Voltage
UR
2.5
V
Operating Temperature
TOP
+10 … +40
°C
Storage Temperature
TSTG
-40 ... +85
°C


Similar Part No. - AS098C60W

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
AS098C100W ROITHNER-AS098C100W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS098C40W ROITHNER-AS098C40W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
More results

Similar Description - AS098C60W

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
AS098Q1200W ROITHNER-AS098Q1200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS098Q600W ROITHNER-AS098Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q15000W ROITHNER-AS081Q15000W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q5000W ROITHNER-AS081Q5000W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q600W ROITHNER-AS081Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q300W ROITHNER-AS081Q300W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C200W ROITHNER-AS081C200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C100W ROITHNER-AS081C100W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C40W ROITHNER-AS081C40W Datasheet
173Kb / 3P
High Power Stacked Infrared Laser Diode Array
AS098Q300W ROITHNER-AS098Q300W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com