Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591AM832TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTD4591AM832TA
Description  MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD4591AM832TA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTD4591AM832TA Datasheet HTML 1Page - Diodes Incorporated ZXTD4591AM832TA Datasheet HTML 2Page - Diodes Incorporated ZXTD4591AM832TA Datasheet HTML 3Page - Diodes Incorporated ZXTD4591AM832TA Datasheet HTML 4Page - Diodes Incorporated ZXTD4591AM832TA Datasheet HTML 5Page - Diodes Incorporated ZXTD4591AM832TA Datasheet HTML 6Page - Diodes Incorporated ZXTD4591AM832TA Datasheet HTML 7Page - Diodes Incorporated ZXTD4591AM832TA Datasheet HTML 8Page - Diodes Incorporated ZXTD4591AM832TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXTD4591AM832
Issue 2 - April 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Thermal resistance
NOTES:
(a) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all
exposed pads attached. The copper area is split down the centre line into two separate areas with one half connected
to each half of the dual device.
(b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air
conditions with all exposed pads attached. The copper area is split down the centre line into two separate areas with
one half connected to each half of the dual device.
(c) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with minimal
lead connections only.
(d) For a dual device surface mounted on 10 sq cm single sided 1oz copper on FR4 PCB, in still air conditions with all
exposed pads attached attached. The copper area is split down the centre line into two separate areas with one half
connected to each half of the dual device.
(e) For a dual device surface mounted on 85 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all
exposed pads attached attached. The copper area is split down the centre line into two separate areas with one half
connected to each half of the dual device.
(f) For a dual device with one active die.
(g) For dual device with 2 active die running at equal power.
(h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of
the device as shown in the package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick
FR4 board using minimum copper 1 oz weight, 1mm wide tracks and one half of the device active is Rth = 250°C/W
giving a power rating of Ptot = 500mW.
Parameter
Symbol
NPN
PNP
Unit
Collector-Base voltage
VCBO
40
-40
V
Collector-Emitter voltage
VCEO
40
-40
V
Emitter-Base voltage
VEBO
5-5
V
Peak pulse current
ICM
3-3
A
Continuous collector current(a)(f)
IC
2-1.5
A
Continuous collector current(b)(f)
IC
2.5
-2.0
A
Base current
IB
300
mA
Power dissipation at TA =25°C(a)(f)
Linear derating factor
PD
1.5
12
W
mW/
°C
Power dissipation at TA =25°C(b)(f)
Linear derating factor
PD
2.45
19.6
W
mW/
°C
Power dissipation at TA =25°C(c)(f)
Linear derating factor
PD
1
8
W
mW/
°C
Power dissipation at TA =25°C(d)(f)
Linear derating factor
PD
1.13
9
W
mW/
°C
Power dissipation at TA =25°C(d)(g)
Linear derating factor
PD
1.7
13.6
W
mW/
°C
Power dissipation at TA =25°C(e)(g)
Linear derating factor
PD
3
24
W
mW/
°C
Storage temperature range
Tstg
-55 to +150
°C
Junction temperature range
Tj
150
°C
Parameter
Symbol
Value
Unit
Junction to ambient(a)(f)
RθJA
83.3
°C/W
Junction to ambient(b)(f)
RθJA
51
°C/W
Junction to ambient(c)(f)
RθJA
125
°C/W
Junction to ambient(d)(f)
RθJA
111
°C/W
Junction to ambient(d)(g)
RθJA
73.5
°C/W
Junction to ambient(e)(g)
RθJA
41.7
°C/W
OBSOLETE - PLEASE USE ZXTC4591AMC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com